Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3205 Datasheet (PDF) - Littelfuse

SP3205 Datasheet PDF - Littelfuse
Part # SP3205
Download  SP3205 Download
File Size   639.68 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Low Capacitance ESD Protection

SP3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3205 Datasheet PDF - Littelfuse

Part # SP3205
Download  SP3205 Click to download

File Size   639.68 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Low Capacitance ESD Protection

SP3205 Datasheet (HTML) - Littelfuse


SP3205 Product details

Description
The SP3205 provides low capacitance, unidirectional and a high
level of protection for electronic equipment that may experience
destructive electrostatic discharges (ESD). The typical capacitance
of 0.3pF helps ensure excellent signal integrity on the most
challenging consumer electronics interfaces, such as USB 3.1,
HDMI, DisplayPort, Thunderbolt and V-by-One®.
It can safely absorb repetitive ESD strikes at ±30kV (contact
discharge, IEC 61000-4-2) without performance degradation and
safely dissipate 4A of 8/20μs surge current (IEC 61000-4-5 2nd
edition).

Features
■ ESD, IEC 61000-4-2, ±30kV
contact, ±30kV air
■ EFT, IEC 61000-4-4, 40A
(5/50ns)
■ Lightning, 4A (8/20μs as
defined in IEC 61000-4-5 2nd
edition)
■ Low capacitance of 0.3pF
(TYP @ VR=0V)
■ Low leakage current of 1nA
(TYP) at 3.3V
■ Halogen free, lead free and
RoHS compliant
■ Moisture Sensitivity Level
(MSL -1)
■ AEC-Q101 Qualified

Applications
■ USB 3.1
■ HDMI
■ DisplayPort
■ S-ATA
■ NFC




Similar Part No. - SP3205

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP320 SIPEX-SP320 Datasheet
647Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Exar Corporation
SP320 EXAR-SP320 Datasheet
791Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
320W Single Output with PFC Function
SP320-12 ASTRODYNE-SP320-12 Datasheet
324Kb / 4P
320W Single Output with PFC Function
More results


Similar Description - SP3205

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
Low Capacitance ESD Protection
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
Low Capacitance ESD Protection
February 9,2017-REV.00
PEC3107M1AQ PANJIT-PEC3107M1AQ Datasheet
224Kb / 5P
Low Capacitance ESD Protection
July 5,2018-REV.01
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com