Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3205 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3205
Description  Low Capacitance ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3205 Datasheet(HTML) 4 Page - Littelfuse

  SP3205 Datasheet HTML 1Page - Littelfuse SP3205 Datasheet HTML 2Page - Littelfuse SP3205 Datasheet HTML 3Page - Littelfuse SP3205 Datasheet HTML 4Page - Littelfuse SP3205 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TVS Diode Array Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/10/21
4
SP3205 Series
Low Capacitance ESD Protection
Part Numbering System
Part Marking System
SP 3205 01
T G
Series
Number of
Channels
Package
E: SOD882
T= Tape & Reel
G= Green
–
TVS Diode Arrays
(SPA® Diodes)
E
Y*
Y : Part code
* : Date code
Ordering Information
Part Number
Package
Min. Order Qty.
SP3205-01ETG
SOD882
10,000
Product Characteristics
Lead Plating
Pre-Plated Frame
Lead material
Copper Alloy
Substrate Material
Silicon
Body Material
Molded Compound
Flammability
UL Recognized compound meeting
flammability rating V-0
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-dow
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 120 secs
Average ramp up rate (Liquidus) Temp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak Temperature
(t
p)
30 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Cathode bar (Pin 1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com