Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3222 Datasheet (PDF) - Littelfuse

SP3222 Datasheet PDF - Littelfuse
Part # SP3222
Download  SP3222 Download
File Size   959.09 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3222 0.9pF 30kV dual channel TVS

SP3222 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3222 Datasheet PDF - Littelfuse

Part # SP3222
Download  SP3222 Click to download

File Size   959.09 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3222 0.9pF 30kV dual channel TVS

SP3222 Datasheet (HTML) - Littelfuse


SP3222 Product details

Description
The SP3222 integrates 2 channels of low capacitance
diodes to provide protection for electronic equipment
that may experience destructive electrostatic discharges
(ESD). These robust diodes can safely absorb repetitive
ESD strikes above the maximum level specified in the IEC
61000-4-2 international standard (±30kV contact discharge)
without performance degradation. The low loading
capacitance makes it ideal for protecting high speed data
lines such as DVI, USB2.0, USB3.0 and eSATA.

Features
• ESD protection of ±30kV
contact discharge,
±30kV air discharge, (IEC
61000-4-2)
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning protection, IEC
61000-4-5 2nd edition, 3A
(tp=8/20μs)
• Low capacitance of 0.9pF
@ VR=0V (MAX)
• Space efficient 0402
(SOD883) footprint
• Extremely low dynamic
resistance (0.17Ω TYP)
• Moisture Sensitivity
Level(MSL -1)
• Halogen free, Lead free
and RoHS compliant
• AEC-Q101 qualified

Applications
• USB 3.0/USB 2.0/MHL
• MIPI Camera and Display
• DisplayPort 1.3, eSATA
• Set Top Boxes, Game
Consoles
• Smart Phones
• External Storage
• Ultrabooks, Notebooks
• Tablets, eReaders
• High Speed Serial
Interfaces




Similar Part No. - SP3222

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
174Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
SP3222 SIPEX-SP3222 Datasheet
212Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
SP3222 SIPEX-SP3222 Datasheet
207Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
SP3222B SIPEX-SP3222B Datasheet
139Kb / 18P
True 3.0V to 5.5V RS-232 Transceivers
More results


Similar Description - SP3222

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP05 LITTELFUSE-SP05 Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP05 LITTELFUSE-SP05_17 Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP1003 LITTELFUSE-SP1003_17 Datasheet
1,009Kb / 5P
30pF 30kV Unidirectional Discrete TVS
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1006 LITTELFUSE-SP1006_17 Datasheet
1Mb / 4P
25pF 30kV Unidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
SP1326 LITTELFUSE-SP1326 Datasheet
822Kb / 5P
SP1326 15pF 30kV Bidirectional Discrete TVS
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP1305 LITTELFUSE-SP1305 Datasheet
952Kb / 5P
SP1305 30pF, 30kV TVS Diode Array
SP1333 LITTELFUSE-SP1333 Datasheet
644Kb / 5P
SP1333 8pF 30kV Bidirectional Discrete TVS
2019 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com