Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273948 Datasheet (PDF) - PHOENIX CONTACT

3273948 Datasheet PDF - PHOENIX CONTACT
Part # 3273948
Download  3273948 Download
File Size   473.63 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4-G RD

3273948 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273948 Datasheet PDF - PHOENIX CONTACT

Part # 3273948
Download  3273948 Click to download

File Size   473.63 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4-G RD

3273948 Datasheet (HTML) - PHOENIX CONTACT


3273948 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm2,
mounting type: adhesive, color: red

Your advantages
• Clear arrangement thanks to marking of all terminal points
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Space-saving, thanks to the compact design
• Flexible use, thanks to DIN rail and direct mounting




Similar Part No. - 3273948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273940 PHOENIX-3273940 Datasheet
478Kb / 19P
Distribution block - PTFIX 6X4-G OG
Jun 27, 2022
3273942 PHOENIX-3273942 Datasheet
70Kb / 4P
Distribution block - PTFIX 6X4-FE-G
3273944 PHOENIX-3273944 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4-G GY
3273946 PHOENIX-3273946 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4-G BU
More results


Similar Description - 3273948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273816 PHOENIX-3273816 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 RD
3273944 PHOENIX-3273944 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4-G GY
3273618 PHOENIX-3273618 Datasheet
127Kb / 11P
Distribution block - PTFIX 10/12X4-NS35 RD
10/28/2020
3273961 PHOENIX-3273961 Datasheet
478Kb / 19P
Distribution block - PTFIX 12X4-G PK
Jun 27, 2022
3273962 PHOENIX-3273962 Datasheet
480Kb / 19P
Distribution block - PTFIX 12X4-G OG
Jun 27, 2022
3273552 PHOENIX-3273552 Datasheet
481Kb / 20P
Distribution block - PTFIX 12X4-NS35 RD
Jun 23, 2022
3273950 PHOENIX-3273950 Datasheet
481Kb / 19P
Distribution block - PTFIX 12X4-G YE
Jun 27, 2022
3273952 PHOENIX-3273952 Datasheet
479Kb / 19P
Distribution block - PTFIX 12X4-G GN
Jun 27, 2022
3273684 PHOENIX-3273684 Datasheet
483Kb / 20P
Distribution block - PTFIX 12X4-NS35A RD
Jun 15, 2022
3274014 PHOENIX-3274014 Datasheet
470Kb / 18P
Distribution block - PTFIX 10/12X4-G RD
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com