Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6830_S1_00001 Datasheet (PDF) - Pan Jit International Inc.

PJS6830_S1_00001 Datasheet PDF - Pan Jit International Inc.
Part # PJS6830_S1_00001
Download  PJS6830_S1_00001 Download
File Size   426.86 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V Dual N-Channel Enhancement Mode MOSFET – ESD Protected

PJS6830_S1_00001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6830_S1_00001 Datasheet PDF - Pan Jit International Inc.

Part # PJS6830_S1_00001
Download  PJS6830_S1_00001 Click to download

File Size   426.86 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V Dual N-Channel Enhancement Mode MOSFET – ESD Protected

PJS6830_S1_00001 Datasheet (HTML) - Pan Jit International Inc.


PJS6830_S1_00001 Product details

Features
 RDS(ON) , VGS@4.5V, ID@2.0A<150mΩ
 RDS(ON) , VGS@2.5V, ID@1.5A<215mΩ
 RDS(ON) , VGS@1.8V, ID@0.5A<400mΩ
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc.
 ESD Protected 2KV HBM
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard




Similar Part No. - PJS6830_S1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832_S1_00001 PANJIT-PJS6832_S1_00001 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832_S2_00001 PANJIT-PJS6832_S2_00001 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
PJS6832 PANJIT-PJS6832_V01 Datasheet
397Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022
More results


Similar Description - PJS6830_S1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE8406 PANJIT-PJE8406 Datasheet
301Kb / 6P
20V N-Channel Enhancement Mode MOSFET . ESD Protected
PJX8806 PANJIT-PJX8806 Datasheet
328Kb / 6P
20V N-Channel Enhancement Mode MOSFET . ESD Protected
PJC7404 PANJIT-PJC7404 Datasheet
358Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7800 PANJIT-PJT7800 Datasheet
300Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8402 PANJIT-PJE8402 Datasheet
341Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7800 PANJIT-PJT7800_15 Datasheet
357Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7802 PANJIT-PJT7802 Datasheet
201Kb / 6P
20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3420E PANJIT-PJA3420E Datasheet
306Kb / 6P
20V N-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
PJA3430-AU PANJIT-PJA3430-AU Datasheet
659Kb / 6P
20V N-Channel Enhancement Mode MOSFET – ESD Protected
June 1,2021 PJA3430-AU-REV.00
PJE8402-AU PANJIT-PJE8402-AU Datasheet
502Kb / 6P
20V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com