Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1510 Datasheet (PDF) - Diodes Incorporated

AP1510 Datasheet PDF - Diodes Incorporated
Part # AP1510
Download  AP1510 Download
File Size   567.45 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PWM CONTROL 3A STEP-DOWN CONVERTER

AP1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1510 Datasheet PDF - Diodes Incorporated

Part # AP1510
Download  AP1510 Click to download

File Size   567.45 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PWM CONTROL 3A STEP-DOWN CONVERTER

AP1510 Datasheet (HTML) - Diodes Incorporated


AP1510 Product details

Features
- Input Voltage: 3.6V to 23V
- Output Voltage: 0.8V to VCC
- Duty Ratio: 0% to 100% PWM Control
- Oscillation Frequency: 300kHz Typ
- Current Limit, Enable Function
- Thermal Shutdown Function
- Built-in Internal SW P-channel MOS
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free.“Green” Device (Note 3)

Applications
- Cellular Phones
- PC Motherboard
- LCD Monitor
- Graphic Card
- DVD-Video Player
- Telecom Equipment
- ADSL Modem
- Printer and Other Peripheral Equipment
- Microprocessor Core Supply
- Networking Power Supply




Similar Part No. - AP1510

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1510 ANACHIP-AP1510 Datasheet
179Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1.1 Jan 25, 2005
logo
Diodes Incorporated
AP1510 DIODES-AP1510 Datasheet
264Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 1
AP1510 DIODES-AP1510 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP1510 DIODES-AP1510 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
AP1510S DIODES-AP1510S Datasheet
264Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 1
More results


Similar Description - AP1510

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com