Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1510 Datasheet (PDF) - Diodes Incorporated

AP1510 Datasheet PDF - Diodes Incorporated
Part # AP1510
Download  AP1510 Download
File Size   264.95 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PWM CONTROL 3A STEP-DOWN CONVERTER

AP1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1510 Datasheet PDF - Diodes Incorporated

Part # AP1510
Download  AP1510 Click to download

File Size   264.95 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PWM CONTROL 3A STEP-DOWN CONVERTER

AP1510 Datasheet (HTML) - Diodes Incorporated


AP1510 Product details

General Description
AP1510 consists of step-down switching regulator with PWM control. These devices include a reference voltage source, oscillation circuit, error amplifier and internal PMOS.
AP1510 provides low-ripple power, high efficiency and excellent transient characteristics. The PWM control circuit is able to vary the duty ratio linearly from 0 up to 100%. This converter also contains an error amplifier circuit. An enable function, an over current protection and a short circuit protection are built inside, when OCP or SCP happens, the operation frequency will be reduced from 300kHz to 30kHz. Also, an internal compensation block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode connected externally, these ICs can function as step-down switching regulators. They serve as ideal power supply units for portable devices when coupled with the SOP-8L package, providing such outstanding features as low current consumption. Since this converter can accommodate an input voltage up to 23V, it is also suitable for the operation via an AC adapter.

Features
• Input voltage: 3.6V to 23V
• Output voltage: 0.8V to VCC.
• Duty ratio: 0% to 100% PWM control
• Oscillation frequency: 300kHz typ.
• Current Limit, Enable function
• Thermal Shutdown function
• Built-in internal SW P-channel MOS
• SOP-8L Pb-Free Package
• SOP-8L: Available in “Green” Molding Compound
   (No Br, Sb)
• Lead Free Finish/ RoHS Compliant (Note 1)

Applications
• Cellular Phones
• PC Motherboard
• LCD Monitor
• Graphic Card
• DVD-Video Player
• Telecom Equipment
• ADSL Modem
• Printer and other Peripheral Equipment
• Microprocessor core supply
• Networking power supply




Similar Part No. - AP1510

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1510 ANACHIP-AP1510 Datasheet
179Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1.1 Jan 25, 2005
logo
Diodes Incorporated
AP1510 DIODES-AP1510 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP1510 DIODES-AP1510 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
AP1510 DIODES-AP1510 Datasheet
567Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev. 8 - 2 December 2017
AP1510SG-13 DIODES-AP1510SG-13 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
More results


Similar Description - AP1510

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com