Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1510 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1510
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1510 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1510 Datasheet HTML 1Page - Diodes Incorporated AP1510 Datasheet HTML 2Page - Diodes Incorporated AP1510 Datasheet HTML 3Page - Diodes Incorporated AP1510 Datasheet HTML 4Page - Diodes Incorporated AP1510 Datasheet HTML 5Page - Diodes Incorporated AP1510 Datasheet HTML 6Page - Diodes Incorporated AP1510 Datasheet HTML 7Page - Diodes Incorporated AP1510 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1510
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 1
4 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
AP1510
+
-
V
SS
EN
C
C
R
A
R
B
D1
FB
Vcc
Output
CVcc
V
OUT=5V/3A
V
IN
R
OCSET
OCSET
C
OUT
C
IN
Optional
C
OCSET
C
EN
R
EN
Option
100K
Note: V
OUT = VFB x (1+R A/RB)
R
B=0.7K~5K ohm
L1
22uH
6.8K
1.3K
3.9K
0.1uF
+
-
C
0.1uF
470uF
470uF
0.1uF
Figure 1.
VIN=12V, IMAX=3A
VOUT
2.5V
3.3V
5V
L1 Value
15uH
18uH
22uH
Function Description
PWM Control
The AP1510 consists of DC/DC converters that employ a
pulse-width modulation (PWM) system.
In converters of the AP1510, the pulse width varies in a range
from 0 to 100%, according to the load current. The ripple voltage
produced by the switching can easily be removed through a filter
because the switching frequency remains constant. Therefore,
these converters provide a low-ripple power over broad ranges of
input voltage and load current.
Under Voltage Lockout
The under voltage lockout circuit of the AP1510 assures that the
high-side MOSFET driver outputs remain in the off state
whenever the supply voltage drops below 3.3V. Normal operation
resumes once VCC rises above 3.5V.
RDS(ON) Current Limiting
The current limit threshold is setting by the external resistor
connecting from VCC supply to OCSET. The internal 100uA sink
current crossing the resistor sets the voltage at pin of OCSET.
When the PWM voltage is less than the voltage at OCSET, an
over-current condition is triggered.
R
I
R
I
OCSET
OCSET
DS(ON)
LOAD
×
=
×
See above formula for setting the current limit value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com