Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1510 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1510
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1510 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1510 Datasheet HTML 1Page - Diodes Incorporated AP1510 Datasheet HTML 2Page - Diodes Incorporated AP1510 Datasheet HTML 3Page - Diodes Incorporated AP1510 Datasheet HTML 4Page - Diodes Incorporated AP1510 Datasheet HTML 5Page - Diodes Incorporated AP1510 Datasheet HTML 6Page - Diodes Incorporated AP1510 Datasheet HTML 7Page - Diodes Incorporated AP1510 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP1510
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 1
5 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
AP1510 Vin vs. Frequency
(Vout=3.3V; Iout=0.2A)
300
305
310
315
320
325
330
335
340
345
350
0
5
10
15
20
25
Vin (V)
AP1510 Vin vs. FB
(Vout=3.3V; Iout=0.2A)
0.74
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0
5
10
15
20
25
Vin (V)
AP1510 Line Regulation
(Vout=3.3V; Iout=0.2A)
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0
5
10
15
20
25
Vin(V)
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.10
0.0
1.0
2.0
3.0
4.0
Iout (A)
AP1510 Load Regulation
(Vin=12V)
AP1510 Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
Iout (A)
Vout:5.0V
Vout:3.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com