Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3015 Datasheet (PDF) - Diodes Incorporated

AP3015 Datasheet PDF - Diodes Incorporated
Part # AP3015
Download  AP3015 Download
File Size   566.76 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICRO POWER STEP-UP DC-DC CONVERTER

AP3015 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3015 Datasheet PDF - Diodes Incorporated

Part # AP3015
Download  AP3015 Click to download

File Size   566.76 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICRO POWER STEP-UP DC-DC CONVERTER

AP3015 Datasheet (HTML) - Diodes Incorporated


AP3015 Product details

Features
· Low Quiescent Current
In Active Mode (Not Switching): 17μA Typical
In Shutdown Mode: <1μA
· Low Operating VIN
1.2V Typical for AP3015
1.0V Typical for AP3015A
· Low VCESAT Switch
200mV Typical at 300mA for AP3015
70mV Typical at 70mA for AP3015A
· High Output Voltage: up to 34V
· Fixed Off-Time Control
· Switching Current Limiting
350mA Typical for AP3015
100mA Typical for AP3015A
· Operating Temperature Range: -40oC to 85oC

Applications
· MP3, MP4
· Battery Power Supply System
· LCD/OLED Bias Supply
· Handheld Device
· Portable Communication Device




Similar Part No. - AP3015

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015AKTR-E1 BCDSEMI-AP3015AKTR-E1 Datasheet
202Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015KTR-E1 BCDSEMI-AP3015KTR-E1 Datasheet
202Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
More results


Similar Description - AP3015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
Micro-Power Step-up DC/DC Converter
SS8051 SSC-SS8051 Datasheet
433Kb / 9P
Micro-Power Step-up DC/DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
Low Power DC-DC Step-Up Converter
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com