Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3015 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3015
Description  MICRO POWER STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3015 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3015 Datasheet HTML 1Page - Diodes Incorporated AP3015 Datasheet HTML 2Page - Diodes Incorporated AP3015 Datasheet HTML 3Page - Diodes Incorporated AP3015 Datasheet HTML 4Page - Diodes Incorporated AP3015 Datasheet HTML 5Page - Diodes Incorporated AP3015 Datasheet HTML 6Page - Diodes Incorporated AP3015 Datasheet HTML 7Page - Diodes Incorporated AP3015 Datasheet HTML 8Page - Diodes Incorporated AP3015 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015/A
4
May 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
AP3105
1.2
12
V
AP3105A
1.0
12
Operating Temperature
TA
-40
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
15
V
SW Voltage
VSW
38
V
FB Voltage
VFB
VIN
V
SHDN Pin Voltage
VSHDN
15
V
Thermal Resistance (Junction to Ambient, no Heat sink)
RθJA
265
oC/W
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
ESD (Human Body Model)
3000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com