Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1905QT2 Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1905QT2 Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1905QT2
Download  SSD1905QT2 Download
File Size   917.7 Kbytes
Page   153 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Graphics Controller CMOS

SSD1905QT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1905QT2 Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1905QT2
Download  SSD1905QT2 Click to download

File Size   917.7 Kbytes
Page   153 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Graphics Controller CMOS

SSD1905QT2 Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1905QT2 Product details

[SOLOMON]

GENERAL DESCRIPTION
The SSD1905 is a graphics controller with built-in 80Kbyte SRAM display buffer, supporting color and mono LCD. The SSD1905 can support a wide range of active and passive panels, and interface with various CPUs. The advanced design, together with integration of memory and timing circuits make a low cost, low power, single chip solution to meet the handheld devices or appliances market needs, such as Pocket/Palm-size PCs and mobile communication devices.

FEATURES
Integrated Display Buffer
• Embedded 80K byte SRAM display buffer.

Microcontroller Interface
• Directly interfaces to :
   Generic #1 bus interface with WAIT# signal
   Generic #2 bus interface with WAIT# signal
   Motorola MC68K
   Motorola MC68EZ328/MC68VZ328 DragonBall
   Hitachi SH-3
   Hitachi SH-4
• 8-bit processor support with “glue logic”.
• “Fixed” and low-latency CPU access times.
• Registers are memory-mapped with dedicated M/R# input to select between memory and register address space.
• The contiguous 80K byte display buffer is directly accessible through the 17-bit address bus.

LCD Panel Support
• 4/8-bit monochrome STN interface.
• 4/8-bit color STN interface.
• 9/12/18-bit Active Matrix TFT interface.
• Direct support for 18-bit Sharp HR-TFT interface (160x160, 320x240).

Display Modes
• 1/2/4/8/16 bit-per-pixel (bpp) color depths.
• Up to 64 gray shades using Frame Rate Control (FRC) and dithering on monochrome passive LCD panels.
• Up to 256k colors on passive STN panels.
• Up to 256k colors on active matrix LCD panels.
• Resolution examples :
   320x240 at a color depth of 8 bpp
   160x160 at a color depth of 16 bpp
   160x240 at a color depth of 16 bpp

Display Features
• Display Rotate Mode : 90°, 180°, 270° counter-clockwise hardware rotation of display image.
• Virtual display support : displays image larger than the panel size through the use of panning and scrolling.
• Floating Window Mode : displays a variable size window overlaid on background image.
• 2 Hardware Cursors (for 4/8/16 bpp) : simultaneously displays two cursors overlaid on background image.
• Double Buffering/Multi-pages: provides smooth animation and instantaneous screen updates.

Clock Source
• Two clock inputs: CLKI and AUXCLK. It is possible to use one clock input only.
• Bus clock (BCLK) is derived from CLKI, can be internally divided by 2, 3, or 4.
• Memory clock (MCLK) is derived from BCLK. It can be internally divided by 2, 3, or 4.
• Pixel clock (PCLK) can be derived from CLKI, AUXCLK, BCLK, or MCLK. It can be internally divided by 2, 3, 4, or 8.

Miscellaneous
• Hardware/Software Color Invert
• Software Power Saving mode
• General Purpose Input / Output pins available
• Single Supply Operation : 3.0V – 3.6V

Package
• 100-pin TQFP package




Similar Part No. - SSD1905QT2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
SSD1926QL9 ETC2-SSD1926QL9 Datasheet
287Kb / 47P
JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
logo
Solomon Systech Limited
SSD1961 SOLOMON-SSD1961 Datasheet
910Kb / 83P
675KB Embedded Display SRAM LCD Display Controller
Jul 2011 Rev 1.3
SSD1961G40 SOLOMON-SSD1961G40 Datasheet
910Kb / 83P
675KB Embedded Display SRAM LCD Display Controller
Jul 2011 Rev 1.3
SSD1961G40R SOLOMON-SSD1961G40R Datasheet
910Kb / 83P
675KB Embedded Display SRAM LCD Display Controller
Jul 2011 Rev 1.3
More results


Similar Description - SSD1905QT2

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
(Graphics LCD Controller/Driver with Key Scan Function)
HD66728 HITACHI-HD66728 Datasheet
5Mb / 134P
(112 x 80-dot Graphics LCD Controller/Driver)
logo
Epson Company
SED1353 EPSON-SED1353 Datasheet
548Kb / 30P
SED1353 GRAPHICS LCD CONTROLLER
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
logo
Hitachi Semiconductor
HD66740 HITACHI-HD66740 Datasheet
813Kb / 95P
112 x 80-dot Graphics LCD Controller/Driver
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
LCD Dot Matrix Graphics Display Controller
logo
List of Unclassifed Man...
SED1351 ETC1-SED1351 Datasheet
87Kb / 18P
GRAPHICS LCD CONTROLLER
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
Color Graphics LCD/CRT Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
S1D13503F00A200 EPSON-S1D13503F00A200 Datasheet
1Mb / 270P
S1D13503 Graphics LCD Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com