Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1902 Datasheet (PDF) - ams AG

AS1902 Datasheet PDF - ams AG
Part # AS1902
Download  AS1902 Download
File Size   76.41 Kbytes
Page   9 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra Low-Power uP Supervisory Circuit

AS1902 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1902 Datasheet PDF - ams AG

Part # AS1902
Download  AS1902 Click to download

File Size   76.41 Kbytes
Page   9 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra Low-Power uP Supervisory Circuit

AS1902 Datasheet (HTML) - ams AG


AS1902 Product details

General Description
The AS1901/2/3 family is an ultra low-power supervisory circuit device.
The device can be used to monitor the supply voltage of digital systems and microprocessors and initiate a reset when the voltage goes below a predefined threshold.
The duration of the reset is 5/20/100/500ms (typ.) after the supply voltage has risen above the threshold. The AS1901/2/3 exhibit excellent reliability and can reduce application costs by eliminating all external components.

Key Features
■ Low 230nA (typ) Supply Current
■ Precision Monitoring of 2.5-, 3-, and 3.3V-Power Supplies
■ Supply Voltage Range: 1.0 to 3.6V
■ Reset Threshold Range: 2.2 to 3.1V
■ Available in 3 Versions:
    - AS1901 Push Pull RESETN
    - AS1902 Push Pull RESET
    - AS1903 Open Drain RESETN
■ 4 Time-Out Periods Ranging from 5 to 500ms
■ Detection Voltage Accuracy: ±1.5%
■ Temperature Range: -40 to +85°C
■ Package: SOT23-3

Applications
    The devices are ideal for computers, intelligent instruments, controllers, critical microprocessor and microcontroller, power monitoring and portable/batterypowered equipment.




Similar Part No. - AS1902

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1902 AMSCO-AS1902 Datasheet
213Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1902 AMSCO-AS1902 Datasheet
673Kb / 10P
Ultra Low-Power P Supervisory Circuit
AS1902C23 AMSCO-AS1902C23 Datasheet
213Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1902C23 AMSCO-AS1902C23 Datasheet
673Kb / 10P
Ultra Low-Power P Supervisory Circuit
AS1902C26 AMSCO-AS1902C26 Datasheet
213Kb / 9P
Ultra Low-Power uP Supervisory Circuit
More results


Similar Description - AS1902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
uP Supervisory Circuit
logo
ams AG
AS1904 AMSCO-AS1904 Datasheet
87Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1901 AMSCO-AS1901_1 Datasheet
213Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
Ultra Low-Power uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
logo
ams AG
AS1901 AMSCO-AS1901_04 Datasheet
673Kb / 10P
Ultra Low-Power P Supervisory Circuit
AS1904 AMSCO-AS1904_04 Datasheet
639Kb / 10P
Ultra Low-Power P Supervisory Circuit
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
uP Supervisory Circuit
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com