Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1902 Datasheet(PDF) 4 Page - ams AG

Part # AS1902
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1902 Datasheet(HTML) 4 Page - ams AG

  AS1902 Datasheet HTML 1Page - ams AG AS1902 Datasheet HTML 2Page - ams AG AS1902 Datasheet HTML 3Page - ams AG AS1902 Datasheet HTML 4Page - ams AG AS1902 Datasheet HTML 5Page - ams AG AS1902 Datasheet HTML 6Page - ams AG AS1902 Datasheet HTML 7Page - ams AG AS1902 Datasheet HTML 8Page - ams AG AS1902 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.austriamicrosystems.com
Revision 1.5
4 - 9
AS1901, AS1902, AS1903
austriamicrosystems
Data Sheet
Interfacing to Microprocessors with Bi-Directional Reset Pins
6 Operation
6.1 Interfacing to Microprocessors with Bi-Directional Reset Pins
The device has an open drain RESETN output, which enables easy interfacing to microprocessors (µP) with bi-direc-
tional reset pins, such as the Motorola 68HC11. The RESETN pin of the microcontroller (µC) can be connected directly
to the µP supervisor's RESETN output with a single pull-up resistor (see Figure 1 on page 1).
6.2 Operating Characteristics
6.3 Negative-Going VDD Transients
The device is optimized to ignore short-duration, negative-going VDD transients (glitches) in order to avoid incorrect
resets.
In the graph Maximum Transient Duration vs. Reset Threshold Overdrive (page 4), the conditions are shown, for which
the reset pulses are not generated. In the graph the maximum pulse width that a negative VDD transient may have
when a reset signal is generated. As the amplitude of the transient increases, the maximum allowable pulse width
decreases.
Supply Current vs. Tem perature,
VCC=3.3V
0
0.1
0.2
0.3
0.4
0.5
-40
- 20
0
20
40
60
80
Temperature (°C)
Pow er-Dow n Reset Delay
vs. Tem perature, VOD = 10m V
0
50
100
150
200
-40
-20
0
20
40
60
80
Temperature (°C)
Power-Up Reset Timeout
vs. Temperature
0
40
80
120
160
200
-40
-20
0
20
406080
Temperature (°C)
Maximum Transient Duration
vs. Reset Threshold Overdrive
0
100
200
300
400
1
10
100
1000
Reset Threshold Overdrive
Vth-Vcc (mV)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com