Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSBX0630 Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CSBX0630 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CSBX0630
Download  CSBX0630 Download
File Size   614.84 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description High Current Power Inductor

CSBX0630 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSBX0630 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CSBX0630
Download  CSBX0630 Click to download

File Size   614.84 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description High Current Power Inductor

CSBX0630 Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CSBX0630 Product details

Outline:
▪ Special materials eliminate all thermal aging issues.
▪ Flat wire coil for low losses at high frequency
▪ Soft saturation makes them ideal for VDR/VRM applications

Features:
▪ Core material: Composite
▪ Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
▪ Enviromental: RoHS, Reach compliant ,Halogen free
▪ Weight:28.5 g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity).
▪ Operating temperature range: -55℃~+150℃
(including coil’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃

Application:
▪ Rraphic cards/ industrial conputers.
▪ DC /DC converters/Motherboards/Filter
▪ High current switching regulators/Polyphase-switching regulators




Similar Part No. - CSBX0630

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSBX0640 CODACA-CSBX0640 Datasheet
662Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBX0640-1R0M CODACA-CSBX0640-1R0M Datasheet
662Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBX0640-1R5M CODACA-CSBX0640-1R5M Datasheet
662Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBX0640-2R2M CODACA-CSBX0640-2R2M Datasheet
662Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBX0640-3R5M CODACA-CSBX0640-3R5M Datasheet
662Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
More results


Similar Description - CSBX0630

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com