Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSBX0630 Datasheet(PDF) 2 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSBX0630
Description  High Current Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSBX0630 Datasheet(HTML) 2 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSBX0630 Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSBX0630 Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSBX0630 Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSBX0630 Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSBX0630 Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CSBX0630 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
4 Saturation Current vs Temperature Rise Current Curve
0
10
20
30
40
50
60
70
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.0
22.0
44.0
66.0
88.0
110.0
CSBX0630-R10M
L(
μH)
ΔT(
℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0.0
20.0
40.0
60.0
80.0
CSBX0630-R22M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.08
0.16
0.24
0.32
0.40
0.48
0.56
0.0
11.0
22.0
33.0
44.0
55.0
CSBX0630-R47M
L(
μH)
ΔT(
℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.0
7.0
14.0
21.0
28.0
35.0
CSBX0630-1R0M
L(
μH)
ΔT(
℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.30
0.60
0.90
1.20
1.50
1.80
2.10
0.0
5.0
10.0
15.0
20.0
25.0
30.0
CSBX0630-1R5M
L(
μH)
ΔT(
℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
0.0
4.0
8.0
12.0
16.0
20.0
CSBX0630-2R2M
L(
μH)
ΔT(℃)
Idc(A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com