Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD05473 Datasheet (PDF) - Diodes Incorporated

DGD05473 Datasheet PDF - Diodes Incorporated
Part # DGD05473
Download  DGD05473 Download
File Size   728.47 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN DFN3030-10

DGD05473 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD05473 Datasheet PDF - Diodes Incorporated

Part # DGD05473
Download  DGD05473 Click to download

File Size   728.47 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN DFN3030-10

DGD05473 Datasheet (HTML) - Diodes Incorporated


DGD05473 Product details

Features
• 50V Floating High-Side Driver
• Drives Two N-channel MOSFETs in a Half-Bridge
Configuration
• 1.5A Source / 2.5A Sink Output Current Capability
• Internal Bootstrap Diode Included
• Undervoltage Lockout for High-Side and Low-Side Drivers
• Delay Matching Maxmimum of 5ns
• Propagation Delay Typical of 20ns
• Logic Input (HIN, LIN, and EN) 3.3V Capability
• Ultra-Low Standby Currents (<1μA)
• Extended Temperature Range: -40°C to +125°C
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.

Applications
• DC-DC Converters
• Motor Controls
• Battery Powered Hand Tools
• eCig Devices
• Class-D Power Amplifiers




Similar Part No. - DGD05473

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD05473 DIODES-DGD05473 Datasheet
738Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD05473 DIODES-DGD05473 Datasheet
389Kb / 2P
100V High-Frequency Gate Driver Raises System Power Efficiency While Saving Board Space
DGD05473FN-7 DIODES-DGD05473FN-7 Datasheet
738Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
642Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
881Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN U-DFN3030-10
Rev. 4 - 2 August 2022
More results


Similar Description - DGD05473

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD0547 DIODES-DGD0547 Datasheet
709Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD0590A DIODES-DGD0590A Datasheet
581Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD05473 DIODES-DGD05473 Datasheet
738Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
642Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD0507 DIODES-DGD0507 Datasheet
700Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN W-DFN3030-10
May 2021
DGD05473FNQ DIODES-DGD05473FNQ_V01 Datasheet
881Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN U-DFN3030-10
Rev. 4 - 2 August 2022
DGD0579U DIODES-DGD0579U_V01 Datasheet
719Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN DFN3030-10
Rev. 1 - 2 November 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com