Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD05473 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD05473
Description  HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER IN DFN3030-10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD05473 Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD05473 Datasheet HTML 1Page - Diodes Incorporated DGD05473 Datasheet HTML 2Page - Diodes Incorporated DGD05473 Datasheet HTML 3Page - Diodes Incorporated DGD05473 Datasheet HTML 4Page - Diodes Incorporated DGD05473 Datasheet HTML 5Page - Diodes Incorporated DGD05473 Datasheet HTML 6Page - Diodes Incorporated DGD05473 Datasheet HTML 7Page - Diodes Incorporated DGD05473 Datasheet HTML 8Page - Diodes Incorporated DGD05473 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DGD05473
Document Number DS40389 Rev. 4 - 2
2 of 12
www.diodes.com
April 2021
© Diodes Incorporated
DGD05473
Marking Information
Pin Assignments
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Low-Side and Logic Supply
2
NC
No Connect (No Internal Connection)
3
VB
High-Side Floating Supply
4
HO
High-Side Gate Drive Output
5
VS
High-Side Floating Supply Return
6
EN
Logic Input Enable, a Logic Low turns off Gate Driver
7
HIN
Logic Input for High-Side Gate Driver, in Phase with HO
8
LIN
Logic Input for Low-Side Gate Driver, in Phase with LO
9
COM
Low-Side and Logic Return
10
LO
Low-Side Gate Drive Output
PAD
Substrate
Connect to COM on PCB
YYWW
DGD05473
Top View: V-DFN3030-10
DGD05473 = Product Type Marking Code
YY = Year (ex: 21 = 2021)
WW = Week (01 to 53)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com