Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6714 Datasheet (PDF) - Diodes Incorporated

AP6714 Datasheet PDF - Diodes Incorporated
Part # AP6714
Download  AP6714 Download
File Size   249.39 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8MHz SYNCHRONOUS BOOST CONVERTER

AP6714 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP6714 Datasheet PDF - Diodes Incorporated

Part # AP6714
Download  AP6714 Click to download

File Size   249.39 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8MHz SYNCHRONOUS BOOST CONVERTER

AP6714 Datasheet (HTML) - Diodes Incorporated


AP6714 Product details

Features
• 94% Efficient Step-Up DC to DC Converter
• Wide Input Range 0.9V to 5.5V
• 1.8V to 5.5V Adjustable Output Voltage
• 1.8MHz Operating Frequency
• Current Mode Operation for faster transient response and better loop stability
• 1μA Shutdown Mode
• Suitable with Low ESR Ceramic Capacitors (MLCC)
• Over Current Protection
• Over Temperature Protection
• MSOP-10L: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish/ RoHS Compliant (Note 1)

Applications
• All One-cell, Two-cell, Three cell, Alkaline, NiCd or NiMh or Single-cell Li+ Battery Powered Devices.
• Cell Phones
• Digital Cameras
• MP3 Players
• PDAs




Similar Part No. - AP6714

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
AP6714M10G-13 DIODES-AP6714M10G-13 Datasheet
267Kb / 15P
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Similar Description - AP6714

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
Synchronous Boost Converter
logo
Texas Instruments
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
Synchronous Boost Converter
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
Efficient Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
SYNCHRONOUS BOOST CONVERTER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com