Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6714 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP6714
Description  1.8MHz SYNCHRONOUS BOOST CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6714 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP6714 Datasheet HTML 1Page - Diodes Incorporated AP6714 Datasheet HTML 2Page - Diodes Incorporated AP6714 Datasheet HTML 3Page - Diodes Incorporated AP6714 Datasheet HTML 4Page - Diodes Incorporated AP6714 Datasheet HTML 5Page - Diodes Incorporated AP6714 Datasheet HTML 6Page - Diodes Incorporated AP6714 Datasheet HTML 7Page - Diodes Incorporated AP6714 Datasheet HTML 8Page - Diodes Incorporated AP6714 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP6714
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714
Document number: DS31490 Rev. 5 - 2
4 of 11
www.diodes.com
April 2011
© Diodes Incorporated
Typical Operating Characteristics
125
150
175
200
225
250
275
300
0.9
1.5
1.8
2.4
3
3.6
4.2
5
INPUT VOLTAGE (V)
Fig. 1 Supply Current vs. Input Voltage
100
-40
-25
25
85
125
TEMPERATURE ( C)
Fig. 2 Supply Current vs. Temperature
°
125
150
175
200
225
250
275
300
100
V
= 2.4V
IN
V
= 3.6V
IN
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
25
105
125
TEMPERATURE ( C)
Fig. 3 Stand-by Current vs. Temperature
°
V
= 1.5V
IN
V
= 3.0V
IN
1700
1750
1800
1850
1900
1950
2000
2050
-40
-25
25
85
105
125
TEMPERATURE ( C)
Fig. 4 Frequency vs. Temperature
°
 
81
82
83
84
85
86
87
88
-40
-25
25
85
105
125
TEMPERATURE ( C)
Fig. 5 Max Duty vs. Temperature
°
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
-40
-25
25
105
125
TEMPERATURE ( C)
Fig. 6 V
vs. Temperature
°
REF
V
= 1.8V
IN
V
= 3.6V
IN
V
= 5.5V
I
= 10mA
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com