Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4 Datasheet (PDF) - Vishay Siliconix

TS4 Datasheet PDF - Vishay Siliconix
Part # TS4
Download  TS4 Download
File Size   95.44 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade

TS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4 Datasheet PDF - Vishay Siliconix

Part # TS4
Download  TS4 Click to download

File Size   95.44 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade

TS4 Datasheet (HTML) - Vishay Siliconix


TS4 Product details

FEATURES
• 0.25 W at 70 °C
• Fully sealed to withstand board washing
• Compatible with popular vacuum
pick-and-place equipment
• J-hook and gull-wing configurations
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TS4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS4 VISHAY-TS4 Datasheet
103Kb / 4P
Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
24-Sep-15
logo
Same Sky Devices
TS40 SAMESKY-TS40 Datasheet
289Kb / 4P
TACTILE SWITCH
11/20/2025
logo
Bothhand USA, LP.
TS4001 BOTHHAND-TS4001 Datasheet
194Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS4040 STMICROELECTRONICS-TS4040 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
More results


Similar Description - TS4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM43 VISHAY-TSM43 Datasheet
196Kb / 3P
Surface Mount Cermet Trimmers Multi-turn Cermet Sealed, Industrial Grade
19-Jan-04
ST-32 VISHAY-ST-32 Datasheet
383Kb / 7P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
TS4 VISHAY-TS4 Datasheet
103Kb / 4P
Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
24-Sep-15
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
13-Dec-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com