Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TS4
Description  Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS4 Datasheet(HTML) 2 Page - Vishay Siliconix

  TS4 Datasheet HTML 1Page - Vishay Siliconix TS4 Datasheet HTML 2Page - Vishay Siliconix TS4 Datasheet HTML 3Page - Vishay Siliconix TS4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS4
www.vishay.com
Vishay Sfernice
Revision: 31-Aug-2018
2
Document Number: 51053
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
Note
• Special resistance available
MECHANICAL SPECIFICATIONS
Mechanical angle
240° nominal
Operating torque (typical)
1.8 Ncm
End stop torque (typical)
3.0 Ncm
Weight
Approximately 0.01 oz.
Wiper
Positioned at approx. 50 %
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
MSL level
1
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT (%)
V
1-2/V1-3 (%)
OTHER
Vibration
20 g’s
± 1 %
± 1 %
-
Shock
100 g’s
± 1 %
± 1 %
-
Electrical endurance
At 70 °C rated power 1000 h
± 3 %
-
-
Mechanical endurance
100 cycles
± 3 %
-
-
Change of temperature
5 cycles
± 2 %
± 1 %
-
Humidity
90 % to 98 % relative humidity
10 cycles, 240 h
± 2 %
-
Insulation resistance:10 M
SOLDERING RECOMMENDATIONS
Recommended reflow profile 2, see Application Note www.vishay.com/doc?52029
TWO DIGIT DATE CODE
YEAR
1990
A
2000
M
2010
A
1991
B
2001
N
2011
B
1992
C
2002
P
2012
C
1993
D
2003
R
2013
D
1994
E
2004
S
2014
E
1995
F
2005
T
2015
F
1996
H
2006
U
2016
H
1997
J
2007
V
2017
J
1998
K
2008
W
2018
K
1999
L
2009
X
2019
L
MONTH
January
1
July
7
February
2
August
8
March
3
September
9
April
4
October
O
May
5
November
N
June
6
December
D
STANDARD RESISTANCE ELEMENT DATA
RESISTANCE
RESISTANCE
CODE
TYPICAL TCR
(ppm/°C)
10
100
± 100
20
200
50
500
100
101
200
201
500
501
1K
102
2K
202
5K
502
10K
103
20K
203
50K
503
100K
104
200K
204
500K
504
1M
105
2M
205



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com