Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7YA Datasheet (PDF) - Vishay Siliconix

T7YA Datasheet PDF - Vishay Siliconix
Part # T7YA
Download  T7YA Download
File Size   94.7 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 7 mm Diameter Miniature Single-Turn Cermet Trimmer

T7YA Datasheet (PDF)

Go To PDF Page Download Datasheet
T7YA Datasheet PDF - Vishay Siliconix

Part # T7YA
Download  T7YA Click to download

File Size   94.7 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 7 mm Diameter Miniature Single-Turn Cermet Trimmer

T7YA Datasheet (HTML) - Vishay Siliconix


T7YA Product details

FEATURES
• Industrial grade
• 0.5 W at 70 °C
• Tests according to CECC 41100 or IEC 60393-1
• Low temperature coefficient (100 ppm/K typical)
• Wide resistance range (10 Ω to 2.2 MΩ)
• Easy to read scale
• 7 mm (0.275") diameter
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - T7YA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T7YA103KB40 VISHAY-T7YA103KB40 Datasheet
104Kb / 5P
7 mm Diameter Miniature Cermet Trimmer
05-Aug-13
T7YA103KT20 VISHAY-T7YA103KT20 Datasheet
104Kb / 5P
7 mm Diameter Miniature Cermet Trimmer
05-Aug-13
T7YA103MB40 VISHAY-T7YA103MB40 Datasheet
104Kb / 5P
7 mm Diameter Miniature Cermet Trimmer
05-Aug-13
T7YA103MT20 VISHAY-T7YA103MT20 Datasheet
104Kb / 5P
7 mm Diameter Miniature Cermet Trimmer
05-Aug-13
T7YA470K VISHAY-T7YA470K Datasheet
94Kb / 4P
Miniature Cermet Trimmers
05-Aug-13
More results


Similar Description - T7YA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T7 VISHAY-T7_13 Datasheet
104Kb / 5P
7 mm Diameter Miniature Cermet Trimmer
05-Aug-13
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
T53 VISHAY-T53 Datasheet
102Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
31-Jan-17
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
T53 VISHAY-T53_V01 Datasheet
84Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
02-Mar-18
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com