Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8065 Datasheet (PDF) - Analog Devices

LTM8065 Datasheet PDF - Analog Devices
Part # LTM8065
Download  LTM8065 Download
File Size   2694.12 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator

LTM8065 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8065 Datasheet PDF - Analog Devices

Part # LTM8065
Download  LTM8065 Click to download

File Size   2694.12 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator

LTM8065 Datasheet (HTML) - Analog Devices


LTM8065 Product details

DESCRIPTION
The LTM®8080 is a 40VIN, dual 500mA or single 1A
ultralow noise, ultrahigh PSRR μModule® regulator.
LTM8080 has cascaded architecture which contains a
40VIN step-down Silent Switcher regulator with an integrated
EMI noise shield followed by dual high-performance
low dropout linear regulators. The dual LDOs feature
ADI’s ultralow noise and ultrahigh PSRR architecture
for powering noise-sensitive applications. The LTM8080
is an integrated solution comprised of a switcher and
LDOs, which offers both advantages while maintaining a
small size and significantly reduced PCB layout sensitivity.
The package includes the controllers, power switches,
inductors, and support components. In addition, the
LTM8080 has a built-in voltage tracking function that
automatically sets VBUS to either 2.5V nominal or 1V
higher than VOUT1, whichever is greater, to achieve superior
noise performance and minimize power dissipation.
The LTM8080 is packaged in a thermally enhanced,
compact (9mm × 6.25mm × 3.32mm) over-molded
Ball Grid Array (BGA) package suitable for automated
assembly by standard surface mount equipment and is RoHS compliant.

FEATURES
- Dual LDOs Powered by an Integrated Switching Step-Down Regulator
- Low Noise Silent Switcher® Architecture with an Integrated EMI Noise Shield
- CISPR22 Class B and CISPR25 Class 5 Compliant
- Ultralow Output RMS Noise: <1μVRMS (10Hz to 100kHz)
- Ultralow Output Spot Noise: 2nV/√Hz at 10kHz
- Ultrahigh PSRR: 80dB at 100kHz
- Wide Input Voltage: 3.5V to 40V
- Wide Output Voltage: 0V to 8V
- Dual 500mA Continuous Current at TA = 85°C
- Voltage Tracking Function to Minimize Power Loss
- 100μA SET Pin Current with ±1% Initial Accuracy
- Selectable Switching Frequency: 200kHz to 2.2MHz
- External Synchronization
- Programmable Power Good
- Parallelable for Lower Noise and Higher Current
- 9mm × 6.25mm × 3.32mm BGA

APPLICATIONS
- RF Power Supplies: PLLs, VCOs, Mixers, LNAs
- Very Low Noise Instrumentation
- High Speed/High Precision Data Converters
- Medical Applications: Imaging, Diagnostics




Similar Part No. - LTM8065

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8065 LINER-LTM8065 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8065 AD-LTM8065 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8065 AD-LTM8065 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM8065 AD-LTM8065 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
More results


Similar Description - LTM8065

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
Ultralow Noise 1A Switching Regulator
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD-1 LINER-LT3045EDD-1 Datasheet
273Kb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator with VIOC
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
LTM4709 AD-LTM4709 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com