Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS50R12N2T7_B15 Datasheet (PDF) - Infineon Technologies AG

FS50R12N2T7_B15 Datasheet PDF - Infineon Technologies AG
Part # FS50R12N2T7_B15
Download  FS50R12N2T7_B15 Download
File Size   601.52 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC

FS50R12N2T7_B15 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS50R12N2T7_B15 Datasheet PDF - Infineon Technologies AG

Part # FS50R12N2T7_B15
Download  FS50R12N2T7_B15 Click to download

File Size   601.52 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC

FS50R12N2T7_B15 Datasheet (HTML) - Infineon Technologies AG


FS50R12N2T7_B15 Product details

Features
• Electrical features
- VCES = 1200 V
- IC nom = 50 A / ICRM = 100 A
- TRENCHSTOPTM IGBT7
- Low VCE,sat
- Overload operation up to 175°C
• Mechanical features
- High power and thermal cycling capability
- Integrated NTC temperature sensor
- Copper base plate
- Al2O3 substrate with low thermal resistance
- Solder contact technology
- Standard housing




Similar Part No. - FS50R12N2T7_B15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS50R12KE3 INFINEON-FS50R12KE3 Datasheet
185Kb / 10P
H철chstzul채ssige Werte / maximum rated values
2002-09-03
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
echnische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
314Kb / 8P
EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FS50R12KT3 INFINEON-FS50R12KT3 Datasheet
464Kb / 8P
EconoPACK2 Modul mit schnellem Trench
2013-10-03 revision:2.1
logo
Inchange Semiconductor ...
FS50R12KT3 ISC-FS50R12KT3 Datasheet
390Kb / 4P
IGBT Modules
More results


Similar Description - FS50R12N2T7_B15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF900R12ME7W_B11 INFINEON-FF900R12ME7W_B11 Datasheet
1,000Kb / 16P
EconoDUAL™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-04-01
FP100R12N3T7 INFINEON-FP100R12N3T7 Datasheet
611Kb / 21P
EconoPIM™3 module with TRENCHSTOP™IGBT7 and Emitter Controlled 7 diode and NTC
0.21 2021-06-18
FS150R12N2T7_B15 INFINEON-FS150R12N2T7_B15 Datasheet
421Kb / 15P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2021-12-03
FS150R12N2T7_B54 INFINEON-FS150R12N2T7_B54 Datasheet
482Kb / 16P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and PressFIT / NTC
Revision 1.00 2022-01-13
FS150R12N3T7 INFINEON-FS150R12N3T7 Datasheet
481Kb / 16P
EconoPACK™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-01-31
FS200R12N3T7 INFINEON-FS200R12N3T7 Datasheet
456Kb / 16P
EconoPACK™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-03-02
FS75R12N2T7_B15 INFINEON-FS75R12N2T7_B15 Datasheet
600Kb / 16P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2021-12-16
FS100R12N2T7_B15 INFINEON-FS100R12N2T7_B15 Datasheet
420Kb / 15P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2021-11-19
FP100R12N2T7_B11 INFINEON-FP100R12N2T7_B11 Datasheet
697Kb / 19P
EconoPIM™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 0.10 2021-09-21
FS150R12N2T7 INFINEON-FS150R12N2T7 Datasheet
533Kb / 16P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and Emitter Controlled 7 diode and NTC
2021-08-02
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com