Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS150R12N2T7 Datasheet (PDF) - Infineon Technologies AG

FS150R12N2T7 Datasheet PDF - Infineon Technologies AG
Part # FS150R12N2T7
Download  FS150R12N2T7 Download
File Size   533.91 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EconoPACK™2 module with TRENCHSTOP™IGBT7 and Emitter Controlled 7 diode and NTC

FS150R12N2T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS150R12N2T7 Datasheet PDF - Infineon Technologies AG

Part # FS150R12N2T7
Download  FS150R12N2T7 Click to download

File Size   533.91 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EconoPACK™2 module with TRENCHSTOP™IGBT7 and Emitter Controlled 7 diode and NTC

FS150R12N2T7 Datasheet (HTML) - Infineon Technologies AG


FS150R12N2T7 Product details

Features
• Electrical features
- VCES = 1200 V
- IC nom = 150 A / ICRM = 300 A
- Low VCEsat
- Overload operation up to 175°C
- TRENCHSTOPTM IGBT7
• Mechanical features
- Integrated NTC temperature sensor
- High power and thermal cycling capability
- Solder contact technology
- Al2O3 substrate with low thermal resistance
- Copper base plate

Potential applications
• Motor drives
• Auxiliary inverters
• Servo drives




Similar Part No. - FS150R12N2T7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS150R12N2T7_B15 INFINEON-FS150R12N2T7_B15 Datasheet
421Kb / 15P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2021-12-03
FS150R12N2T7_B54 INFINEON-FS150R12N2T7_B54 Datasheet
482Kb / 16P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and PressFIT / NTC
Revision 1.00 2022-01-13
More results


Similar Description - FS150R12N2T7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF900R12ME7W_B11 INFINEON-FF900R12ME7W_B11 Datasheet
1,000Kb / 16P
EconoDUAL™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-04-01
FP100R12N3T7 INFINEON-FP100R12N3T7 Datasheet
611Kb / 21P
EconoPIM™3 module with TRENCHSTOP™IGBT7 and Emitter Controlled 7 diode and NTC
0.21 2021-06-18
FS150R12N2T7_B15 INFINEON-FS150R12N2T7_B15 Datasheet
421Kb / 15P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2021-12-03
FS150R12N2T7_B54 INFINEON-FS150R12N2T7_B54 Datasheet
482Kb / 16P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and PressFIT / NTC
Revision 1.00 2022-01-13
FS150R12N3T7 INFINEON-FS150R12N3T7 Datasheet
481Kb / 16P
EconoPACK™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-01-31
FS200R12N3T7 INFINEON-FS200R12N3T7 Datasheet
456Kb / 16P
EconoPACK™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-03-02
FS50R12N2T7_B15 INFINEON-FS50R12N2T7_B15 Datasheet
601Kb / 16P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2021-12-16
FS75R12N2T7_B15 INFINEON-FS75R12N2T7_B15 Datasheet
600Kb / 16P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2021-12-16
FS100R12N2T7_B15 INFINEON-FS100R12N2T7_B15 Datasheet
420Kb / 15P
EconoPACK™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2021-11-19
FP100R12N2T7_B11 INFINEON-FP100R12N2T7_B11 Datasheet
697Kb / 19P
EconoPIM™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 0.10 2021-09-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com