Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1714210 Datasheet (PDF) - PHOENIX CONTACT

1714210 Datasheet PDF - PHOENIX CONTACT
Part # 1714210
Download  1714210 Download
File Size   858.29 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - CCA 2,5/10-G-5,08 P14THR

1714210 Datasheet (PDF)

Go To PDF Page Download Datasheet
1714210 Datasheet PDF - PHOENIX CONTACT

Part # 1714210
Download  1714210 Click to download

File Size   858.29 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - CCA 2,5/10-G-5,08 P14THR

1714210 Datasheet (HTML) - PHOENIX CONTACT


1714210 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: CCA
2,5/..-G, pitch: 5.08 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 1.4
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Closed contour for optimum stability of the plug-in connection




Similar Part No. - 1714210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714235 PHOENIX-1714235 Datasheet
169Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 2-ST-3,5-LRBD:2-3
09/12/2020
1714243 PHOENIX-1714243 Datasheet
142Kb / 4P
MKDS 3/ 3 BK
1714252 PHOENIX-1714252 Datasheet
46Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/ 3-STFEH-5,08 BK BD
1714271 PHOENIX-1714271 Datasheet
308Kb / 13P
Printed-circuit board connector - MSTBT 2,5/ 4-ST OG
1714278 PHOENIX-1714278 Datasheet
86Kb / 5P
Plug - GMSTB 2,5 HCV/ 2-ST-7,62
More results


Similar Description - 1714210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955002 PHOENIX-1955002 Datasheet
127Kb / 5P
CCA 2,5/10-G-5,08 P26THR
1955028 PHOENIX-1955028 Datasheet
127Kb / 5P
CCA 2,5/12-G-5,08 P26THR
1955112 PHOENIX-1955112 Datasheet
104Kb / 4P
Base strip - CCA 2,5/10-G-5,08 P26THRR88
1955073 PHOENIX-1955073 Datasheet
167Kb / 5P
CCA 2,5/ 6-G-5,08 P26THRR56
1955086 PHOENIX-1955086 Datasheet
163Kb / 5P
CCA 2,5/ 7-G-5,08 P26THRR56
1955099 PHOENIX-1955099 Datasheet
167Kb / 5P
CCA 2,5/ 8-G-5,08 P26THRR56
1836638 PHOENIX-1836638 Datasheet
354Kb / 12P
PCB header - CCA 2,5/ 8-G P20THRR56
Jan 5, 2023
1842144 PHOENIX-1842144 Datasheet
630Kb / 18P
PCB header - MDSTBA 2,5/10-G-5,08
Jan 3, 2023
1936092 PHOENIX-1936092 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/10-G-5,08-RN
Jan 4, 2023
1943399 PHOENIX-1943399 Datasheet
584Kb / 16P
IC 2,5 HC/10-G-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com