Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1836638 Datasheet (PDF) - PHOENIX CONTACT

1836638 Datasheet PDF - PHOENIX CONTACT
Part # 1836638
Download  1836638 Download
File Size   354.01 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - CCA 2,5/ 8-G P20THRR56

1836638 Datasheet (PDF)

Go To PDF Page Download Datasheet
1836638 Datasheet PDF - PHOENIX CONTACT

Part # 1836638
Download  1836638 Click to download

File Size   354.01 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - CCA 2,5/ 8-G P20THRR56

1836638 Datasheet (HTML) - PHOENIX CONTACT


1836638 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: CCA 2,5/..-
G, pitch: 5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: 56 mm wide
tape, For user information and design recommendations for through-hole reflow technology, go
to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Closed contour for optimum stability of the plug-in connection




Similar Part No. - 1836638

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18366 VICOR-18366 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1836609 PHOENIX-1836609 Datasheet
111Kb / 7P
Printed-circuit board connector - CCA 2,5/ 5-G P20THRR56
1836612 PHOENIX-1836612 Datasheet
109Kb / 6P
Printed-circuit board connector - CCA 2,5/ 6-G P20THRR56
1836625 PHOENIX-1836625 Datasheet
109Kb / 6P
Printed-circuit board connector - CCA 2,5/ 7-G P20THRR56
1836626 PHOENIX-1836626 Datasheet
103Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 6-ST-5,08 BK AU
11/04/2018
More results


Similar Description - 1836638

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836599 PHOENIX-1836599 Datasheet
111Kb / 7P
Printed-circuit board connector - CCA 2,5/ 4-G P20THRR56
1836609 PHOENIX-1836609 Datasheet
111Kb / 7P
Printed-circuit board connector - CCA 2,5/ 5-G P20THRR56
1836612 PHOENIX-1836612 Datasheet
109Kb / 6P
Printed-circuit board connector - CCA 2,5/ 6-G P20THRR56
1836625 PHOENIX-1836625 Datasheet
109Kb / 6P
Printed-circuit board connector - CCA 2,5/ 7-G P20THRR56
1955099 PHOENIX-1955099 Datasheet
167Kb / 5P
CCA 2,5/ 8-G-5,08 P26THRR56
1955222 PHOENIX-1955222 Datasheet
127Kb / 5P
CCA 2,5/ 8-G-5,08 RNP26THR
1714210 PHOENIX-1714210 Datasheet
858Kb / 12P
PCB header - CCA 2,5/10-G-5,08 P14THR
Jan 3, 2023
1836340 PHOENIX-1836340 Datasheet
342Kb / 11P
PCB header - CCA 2,5/ 2-G P20 THR
Jan 4, 2023
1840052 PHOENIX-1840052 Datasheet
537Kb / 15P
PCB header - MDSTB 2,5/ 8-G-5,08
Jan 10, 2023
1845992 PHOENIX-1845992 Datasheet
534Kb / 16P
PCB header - MDSTBV 2,5/ 8-G
Dec 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com