Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

541925 Datasheet (PDF) - Alpha Wire

541925 Datasheet PDF - Alpha Wire
Part # 541925
Download  541925 Download
File Size   94.39 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

541925 Datasheet (PDF)

Go To PDF Page Download Datasheet
541925 Datasheet PDF - Alpha Wire

Part # 541925
Download  541925 Click to download

File Size   94.39 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

541925 Datasheet (HTML) - Alpha Wire


541925 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 25 X 1 COND
a) Conductor 20 (10/30) AWG Tinned Copper 0.037
b) Insulation 0.0325" Wall, Nom. PVC 0.102
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 10 WHITE 19 WHITE/SLATE
2 BROWN 11 WHITE/BLACK 20 WHITE/BLACK/B
ROWN
3 RED 12 WHITE/BROWN 21 WHITE/BLACK/R
ED
4 ORANGE 13 WHITE/RED 22 WHITE/BLACK/O
RANGE
5 YELLOW 14 WHITE/ORANGE 23 WHITE/BLACK/Y
ELLOW
6 GREEN 15 WHITE/YELLOW 24 WHITE/BLACK/G
REEN
7 BLUE 16 WHITE/GREEN 25 WHITE/BLACK/B
LUE
8 VIOLET 17 WHITE/BLUE
9 SLATE 18 WHITE/VIOLET
2) Cable Assembly 25 Components Cabled
a) Twists: 1.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Jacket 0.063" Wall, Nom.,PVC 0.742 (0.779 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 5419/25 25C 20 AWG
XTRAGUARD(R) 1 (UL) MTW 600V OR AWM 2501 105C
600V OR AWM 21896 105C 600V SUN RES 60C OIL
VW-1 OR CRU AWM I/II A/B 105C 600V
FT4 CE ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 541925

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5419 3M-5419 Datasheet
112Kb / 3P
Low Static Polyimide Film Tape 5419
Sep-2010
logo
Alpha Wire
5419 ALPHAWIRE-5419 Datasheet
410Kb / 4P
20 (10/30) AWG Tinned Copper
5419-15 ALPHAWIRE-5419-15 Datasheet
410Kb / 4P
20 (10/30) AWG Tinned Copper
5419-19 ALPHAWIRE-5419-19 Datasheet
411Kb / 4P
20 (10/30) AWG Tinned Copper
5419/12 ALPHAWIRE-5419/12 Datasheet
100Kb / 4P
Customer Specification
8/29/2022
More results


Similar Description - 541925

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com