Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

541925 Datasheet(PDF) 1 Page - Alpha Wire

Part # 541925
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

541925 Datasheet(HTML) 1 Page - Alpha Wire

  541925 Datasheet HTML 1Page - Alpha Wire 541925 Datasheet HTML 2Page - Alpha Wire 541925 Datasheet HTML 3Page - Alpha Wire 541925 Datasheet HTML 4Page - Alpha Wire 541925 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer Specification
PART NO. 5419/25
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
25 X 1 COND
a) Conductor
20 (10/30) AWG Tinned Copper
0.037
b) Insulation
0.0325" Wall, Nom. PVC
0.102
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
10
WHITE
19
WHITE/SLATE
2
BROWN
11
WHITE/BLACK
20
WHITE/BLACK/B
ROWN
3
RED
12
WHITE/BROWN
21
WHITE/BLACK/R
ED
4
ORANGE
13
WHITE/RED
22
WHITE/BLACK/O
RANGE
5
YELLOW
14
WHITE/ORANGE 23
WHITE/BLACK/Y
ELLOW
6
GREEN
15
WHITE/YELLOW 24
WHITE/BLACK/G
REEN
7
BLUE
16
WHITE/GREEN
25
WHITE/BLACK/B
LUE
8
VIOLET
17
WHITE/BLUE
9
SLATE
18
WHITE/VIOLET
2) Cable Assembly
25 Components Cabled
a) Twists:
1.3 Twists/foot (min)


Similar Part No. - 541925

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5419 3M-5419 Datasheet
112Kb / 3P
Low Static Polyimide Film Tape 5419
Sep-2010
logo
Alpha Wire
5419 ALPHAWIRE-5419 Datasheet
410Kb / 4P
20 (10/30) AWG Tinned Copper
5419-15 ALPHAWIRE-5419-15 Datasheet
410Kb / 4P
20 (10/30) AWG Tinned Copper
5419-19 ALPHAWIRE-5419-19 Datasheet
411Kb / 4P
20 (10/30) AWG Tinned Copper
5419/12 ALPHAWIRE-5419/12 Datasheet
100Kb / 4P
Customer Specification
8/29/2022
More results

Similar Description - 541925

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com