Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0606AT Datasheet (PDF) - Vishay Siliconix

ACAS0606AT Datasheet PDF - Vishay Siliconix
Part # ACAS0606AT_V01
Download  ACAS0606AT Download
File Size   134.53 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Thin Film Chip Resistor Array Superior Moisture Resistivity

ACAS0606AT Datasheet (PDF)

Go To PDF Page Download Datasheet
ACAS0606AT Datasheet PDF - Vishay Siliconix

Part # ACAS0606AT_V01
Download  ACAS0606AT Click to download

File Size   134.53 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Thin Film Chip Resistor Array Superior Moisture Resistivity

ACAS0606AT Datasheet (HTML) - Vishay Siliconix


ACAS0606AT Product details

FEATURES
• Superior moisture resistivity, |ΔR/R| < 0.5 %
(85 °C; 85 % RH; 1000 h)
• Rated dissipation P70 up to 125 mW per resistor
• ESD stability 1000 V, human body model
• Relative TCR down to ± 5 ppm/K (tracking)
• Relative tolerance down to ± 0.05 % (matching)
• AEC-Q200 qualified
• Advanced sulfur resistance verified according to
ASTM B 809
• Different resistance values freely selectable
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - ACAS0606AT_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT Datasheet
176Kb / 8P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
06-Nov-09
More results


Similar Description - ACAS0606AT_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
06-Nov-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
Professional Thin Film Chip Resistor Superior Moisture Resistivity
07-Dec-09
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
Precision Thin Film Chip Resistor Superior Moisture Resistivity
09-Apr-09
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com