Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACASPREC Datasheet (PDF) - Vishay Siliconix

ACASPREC Datasheet PDF - Vishay Siliconix
Part # ACASPREC
Download  ACASPREC Download
File Size   131.13 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Thin Film Chip Resistor Array

ACASPREC Datasheet (PDF)

Go To PDF Page Download Datasheet
ACASPREC Datasheet PDF - Vishay Siliconix

Part # ACASPREC
Download  ACASPREC Click to download

File Size   131.13 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Thin Film Chip Resistor Array

ACASPREC Datasheet (HTML) - Vishay Siliconix


ACASPREC Product details

FEATURES
• Advanced thin film technology
• Two pairs or four equal resistor values
• Relative TCR down to ± 5 ppm/K (tracking)
• Relative tolerance down to ± 0.05 % (matching)
• Pure Sn termination on Ni barrier layer
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - ACASPREC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
Professional Thin Film Chip Resistor Array
13-Dec-12
More results


Similar Description - ACASPREC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
06-Nov-09
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
17-Aug-2022
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
Precision Thin Film Chip Resistor
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com