Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACASPREC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ACASPREC
Description  Precision Thin Film Chip Resistor Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACASPREC Datasheet(HTML) 3 Page - Vishay Siliconix

  ACASPREC Datasheet HTML 1Page - Vishay Siliconix ACASPREC Datasheet HTML 2Page - Vishay Siliconix ACASPREC Datasheet HTML 3Page - Vishay Siliconix ACASPREC Datasheet HTML 4Page - Vishay Siliconix ACASPREC Datasheet HTML 5Page - Vishay Siliconix ACASPREC Datasheet HTML 6Page - Vishay Siliconix ACASPREC Datasheet HTML 7Page - Vishay Siliconix ACASPREC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACAS 0612 - Precision
www.vishay.com
Vishay Beyschlag
Revision: 12-Apr-13
3
Document Number: 28751
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
(1) R1 = R4  R2 = R3.
(2) For historical temperature coefficient and resistance ranges please refer to the end of the data sheet.
Notes
• For historical temperature coefficent and resistance range please refer to the end of the data sheet.
• Relative TCR (tracking) down to ± 2.5 ppm/K on request.
• Relative tolerance for resistance values < 80
 on request.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: ACASA1100S2200P500
MODEL/
SIZE
TERMINAL
SIZE
RESISTANCE (1)
ACCURACY
GRADE (2)
RESISTANCE (1)
PACKAGING
SPECIAL
ACA
S = Convex
square
A = 0612
3 digit
resistance
value R1, R4
1 digit
multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
TCR, tracking,
tolerance and
matching
S, T, or U
3 digit
resistance
value R2, R3
1 digit multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
P1
P5
00 = Standard
Product Description: ACAS 0612 110R S 220R P5
ACA
S
0612
110R
S
220R
P5
MODEL/SIZE
TERMINAL
SIZE
RESISTANCE
R1, R4 (1)
ACCURACY
GRADE (2)
RESISTANCE
R2, R3 (1)
PACKAGING
ACA = Chip
array
S = Convex
square
0612
110R = 110
1K1 = 1.1 k
22K1 = 22.1 k
TCR, tracking,
tolerance and
matching
S, T, or U
220R = 220
1K1 = 1.1 k
22K1 = 22.1 k
P1
P5
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
ACCURACY
GRADE
ABSOLUTE
RELATIVE
RESISTANCE
VALUE
TCR
TOLERANCE
TCR
TOLERANCE
ACAS 0612
S
± 25 ppm/K
± 0.1 %
± 15 ppm/K
± 0.05 %
47
 to 221 k
T
± 15 ppm/K
± 0.1 %
± 10 ppm/K
± 0.05 %
47
 to 150 k
U
± 10 ppm/K
± 0.1 %
± 5 ppm/K
± 0.05 %
47
 to 100 k
S
A
11
00
S
2
0
C
A
A
20
50
P0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com