Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0612 Datasheet (PDF) - Vishay Siliconix

ACAS0612 Datasheet PDF - Vishay Siliconix
Part # ACAS0612
Download  ACAS0612 Download
File Size   120.92 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Professional Thin Film Chip Resistor Array

ACAS0612 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACAS0612 Datasheet PDF - Vishay Siliconix

Part # ACAS0612
Download  ACAS0612 Click to download

File Size   120.92 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Professional Thin Film Chip Resistor Array

ACAS0612 Datasheet (HTML) - Vishay Siliconix


ACAS0612 Product details

FEATURES
• Advanced thin film technology
• Two pairs or four equal resistor values
• TCR down to ± 25 ppm/K
• Tolerance down to ± 0.5 %
• Pure Sn termination on Ni barrier layer
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - ACAS0612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612 VISHAY-ACAS0612 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAS0612 VISHAY-ACAS0612 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
ACAS0612 VISHAY-ACAS0612 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
ACAS0612 VISHAY-ACAS0612 Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
ACAS0612110R11K1P1 VISHAY-ACAS0612110R11K1P1 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
More results


Similar Description - ACAS0612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
Thin Film, Resistor Array
05-Apr-04
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
Professional Thin Film Chip Resistor Superior Moisture Resistivity
07-Dec-09
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com