Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63300Q Datasheet (PDF) - Diodes Incorporated

AP63300Q Datasheet PDF - Diodes Incorporated
Part # AP63300Q
Download  AP63300Q Download
File Size   1761.77 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP63300Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP63300Q Datasheet PDF - Diodes Incorporated

Part # AP63300Q
Download  AP63300Q Click to download

File Size   1761.77 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER

AP63300Q Datasheet (HTML) - Diodes Incorporated


AP63300Q Product details

Features
- AEC-Q100 Qualified for Automotive Applications
- Device Temperature Grade 1: -40°C to +125°C TA Range
- VIN: 3.8V to 32V
- Output Voltage (VOUT): 0.8V to VIN
- 3A Continuous Output Current
- 0.8V ± 1% Reference Voltage
- 22μA Low Quiescent Current (Pulse Frequency Modulation)
- 500kHz Switching Frequency
- Supports Pulse Frequency Modulation (PFM)
- AP63300Q
- Up to 88% Efficiency at 5mA Light Load
- Pulse Width Modulation (PWM) Regardless of Output Load
- AP63301Q
- Proprietary Gate Driver Design for Best EMI Reduction
- Frequency Spread Spectrum (FSS) to Reduce EMI
- AP63300Q
- Low-Dropout (LDO) Mode
- Precision Enable Threshold to Adjust UVLO
- Protection Circuitry
- Undervoltage Lockout (UVLO)
- Output Overvoltage Protection (OVP)
- Cycle-by-Cycle Peak Current Limit
- Thermal Shutdown
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AP63300Q and AP63301Q are suitable for automotive
applications requiring specific change control; these parts
are AEC-Q100 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.

Applications
- Automotive Power Systems
- Automotive Infotainment
- Automotive Instrument Clusters
- Automotive Body Electronics and Lighting
- Automotive Telematics
- Advanced Driver Assistance Systems




Similar Part No. - AP63300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63300Q DIODES-AP63300Q Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63300QWU-7 DIODES-AP63300QWU-7 Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
More results


Similar Description - AP63300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP63300 DIODES-AP63300 Datasheet
1Mb / 22P
3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
August 2019
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP62300 DIODES-AP62300 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 January 2021
AP63200Q DIODES-AP63200Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66300Q DIODES-AP66300Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com