Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63300 Datasheet (PDF) - Diodes Incorporated

AP63300 Datasheet PDF - Diodes Incorporated
Part # AP63300
Download  AP63300 Download
File Size   1347.9 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION

AP63300 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP63300 Datasheet PDF - Diodes Incorporated

Part # AP63300
Download  AP63300 Click to download

File Size   1347.9 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION

AP63300 Datasheet (HTML) - Diodes Incorporated


AP63300 Product details

Features
VIN 3.8V to 32V
3A Continuous Output Current
0.8V ± 1% Reference Voltage
22μA Low Quiescent Current (Pulse Frequency Modulation)
500kHz Switching Frequency
Supports Pulse Frequency Modulation (PFM)
o AP63300
o Up to 88% Efficiency at 5mA Light Load
Pulse Width Modulation (PWM) Regardless of Output Load
o AP63301
Proprietary Gate Driver Design for Best EMI Reduction
Frequency Spread Spectrum (FSS) to Reduce EMI
o AP63300
Low-Dropout (LDO) Mode
Precision Enable Threshold to Adjust UVLO
Protection Circuitry
o Undervoltage Lockout (UVLO)
o Output Overvoltage Protection (OVP)
o Cycle-by-Cycle Peak Current Limit
o Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
5V, 12V, and 24V Distributed Power Bus Supplies
Flat Screen TV Sets and Monitors
Power Tools and Laser Printers
White Goods and Small Home Appliances
FPGA, DSP, and ASIC Supplies
Home Audio
Network Systems
Gaming Consoles
Consumer Electronics
General Purpose Point of Load




Similar Part No. - AP63300

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63300Q DIODES-AP63300Q Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63300Q DIODES-AP63300Q Datasheet
1Mb / 22P
AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
AP63300QWU-7 DIODES-AP63300QWU-7 Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63300QWU-7 DIODES-AP63300QWU-7 Datasheet
1Mb / 22P
AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
More results


Similar Description - AP63300

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63200 DIODES-AP63200 Datasheet
703Kb / 18P
LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev 2
AP63356 DIODES-AP63356 Datasheet
1Mb / 29P
3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 August 2019
AP64060 DIODES-AP64060 Datasheet
1Mb / 18P
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022
AP64060Q DIODES-AP64060Q_V01 Datasheet
1Mb / 19P
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 September 2022
AP64200 DIODES-AP64200 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64202 DIODES-AP64202 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 March 2021
AP64500 DIODES-AP64500 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66300Q DIODES-AP66300Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com