Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63356 Datasheet (PDF) - Diodes Incorporated

AP63356 Datasheet PDF - Diodes Incorporated
Part # AP63356
Download  AP63356 Download
File Size   1568.4 Kbytes
Page   29 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION

AP63356 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP63356 Datasheet PDF - Diodes Incorporated

Part # AP63356
Download  AP63356 Click to download

File Size   1568.4 Kbytes
Page   29 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION

AP63356 Datasheet (HTML) - Diodes Incorporated


AP63356 Product details

Features
- VIN 3.8V to 32V
- 3.5A Continuous Output Current
- 0.8V ± 1% Reference Voltage
- 22μA Low Quiescent Current (Pulse Frequency Modulation)
- 450kHz Switching Frequency
- Pulse Width Modulation (PWM) Regardless of Output Load
o AP63356
- Supports Pulse Frequency Modulation (PFM)
o AP63357
o Up to 86% Efficiency at 5mA Light Load
- Proprietary Gate Driver Design for Best EMI Reduction
- Frequency Spread Spectrum (FSS) to Reduce EMI
- Low-Dropout (LDO) Mode
- Power Good Indicator with 5MΩ Internal Pull-up
- Precision Enable Threshold to Adjust UVLO
- Protection Circuitry
o Undervoltage Lockout (UVLO)
o Output Undervoltage Protection (UVP)
o Cycle-by-Cycle Peak Current Limit
o Thermal Shutdown
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)

Applications
- 5V, 12V, and 24V Distributed Power Bus Supplies
- Flat Screen TV Sets and Monitors
- Power Tools and Laser Printers
- White Goods and Small Home Appliances
- FPGA, DSP, and ASIC Supplies
- Home Audio
- Network Systems
- Gaming Consoles
- Consumer Electronics
- General Purpose Point of Load




Similar Part No. - AP63356

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
AP63356QZV-7 DIODES-AP63356QZV-7 Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
More results


Similar Description - AP63356

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63200 DIODES-AP63200 Datasheet
703Kb / 18P
LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev 2
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
AP63300 DIODES-AP63300 Datasheet
1Mb / 22P
3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
August 2019
AP64060 DIODES-AP64060 Datasheet
1Mb / 18P
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022
AP64060Q DIODES-AP64060Q_V01 Datasheet
1Mb / 19P
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 September 2022
AP64202 DIODES-AP64202 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 March 2021
AP64350 DIODES-AP64350 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
AP64351 DIODES-AP64351 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 4 - 2 August 2019
AP64352 DIODES-AP64352 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 5 - 2 August 2019
AP64500 DIODES-AP64500 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com