Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900Q-R Datasheet (PDF) - Bridgetek Pte Ltd.

FT900Q-R Datasheet PDF - Bridgetek Pte Ltd.
Part # FT900Q-R
Download  FT900Q-R Download
File Size   3117.29 Kbytes
Page   67 Pages
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.
Description Embedded Microcontroller

FT900Q-R Datasheet (PDF)

Go To PDF Page Download Datasheet
FT900Q-R Datasheet PDF - Bridgetek Pte Ltd.

Part # FT900Q-R
Download  FT900Q-R Click to download

File Size   3117.29 Kbytes
Page   67 Pages
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.
Description Embedded Microcontroller

FT900Q-R Datasheet (HTML) - Bridgetek Pte Ltd.


FT900Q-R Product details

 High performance, low power 32-bit FT32 core processor, running at a frequency of 100MHz.
 256kB on-chip Flash memory.
 256kB on-chip shadow program memory.
 True Zero Wait States (0WS) up to 3.1 DMIPS per MHz performance.
 64kB on-chip data memory.
 OTP memory for security configuration.
 Integrated Phase-Locked Loop (PLL) supports external 12MHz crystal and direct external clock source input.
 32.768 kHz Real Time Clock (RTC) support.
 Power-On Reset (POR).
 One USB2.0 EHCI compatible host controller supports high-speed (480 Mbit/s), full-speed (12 Mbit/s), and low-speed (1.5 Mbit/s).
 One USB2.0 device controller supports high-speed (480 Mbit/s) and full-speed (12 Mbit/s).
 USB2.0 host and device controllers support the Isochronous, Interrupt, Control, and Bulk transfers.
 USB2.0 device controller supports the high-bandwidth isochronous IN transaction.
 10/100 Mbps Ethernet that is compliant with the IEEE 802.3/802.3u standards. (FT900 and FT901 only).
 Supports One-Wire debugger for downloading firmware to Flash memory or shadow program memory, and supports a software debugger.
 Two CAN controllers support CAN protocol 2.0 parts A & B, data rate is up to 1 Mbit/s. (FT900 and FT902 only).
 One SPI master supports single / dual / quad modes of data transfer. The clock rate is up to 50 MHz
 Two SPI slaves support single data transfer with 25MHz clock.
 Two I2C bus interfaces (one master and one slave) which support standard / fast / fast plus / high speed mode data transfers of up to 3.4 Mbit/s. Clock stretching is supported.
 I2S bus interface can be configured as master or slave. Two clock input options (24.576 MHz and 22.5792 MHz) to support I2S master mode for different audio sample rates.
 UART interface can be configured as one full programmable UART0 or two simple interfaces, UART0 and UART1 with CTS / RTS control function.
 Four user timers with individual pre-scaler and a watchdog function.
 8-bit parallel data interface supports camera data capturing.
 Supports 7 independent PWM channels. Channel 0 and 1 can be configured as PCM 8-bit/16-bit stereo audio output.
 SD host controller is compliant with standard specification V3.0/SDIO specification V2.0/MMC card specification V4.3. It supports up to 50 MHz SD clock speed and software supports SD card format in SD/SDHC/SDXC.
 Supports two 10-bit DAC 0/1 channels output, sample rate at ~1 MS/s.
 Supports seven 10-bit ADC 1/7 channels input, sample rate is up to ~960 kS/s.
 Single 3.3 volt power supply and built-in 1.2 V regulators.
 3.3 volt I/O power supply.
 Supports USB Battery Charging Specification Rev 1.2. Downstream port can be configured as SDP, CDP or DCP. Upstream port can perform BCD mode detection.
 Supports VBUS power switching and over current control.
 -40°C to 85°C extended operating temperature range.
 Available in compact Pb-free 100-Pin packages (all RoHS compliant).




Similar Part No. - FT900Q-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT900 FTDI-FT900 Datasheet
1Mb / 58P
The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
logo
Hammond Manufacturing L...
FT900HA1220BK HAMMOND-FT900HA1220BK Datasheet
610Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FT900HA1BK HAMMOND-FT900HA1BK Datasheet
633Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FT900TA1220BK HAMMOND-FT900TA1220BK Datasheet
606Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FT900TA1BK HAMMOND-FT900TA1BK Datasheet
635Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Similar Description - FT900Q-R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH77790B SHARP-LH77790B Datasheet
202Kb / 32P
Embedded Microcontroller Thermal & Electrical Specification
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
SAMD20J ATMEL-SAMD20J Datasheet
3Mb / 586P
ARM-Based Embedded Flash Microcontroller
ATA5790N ATMEL-ATA5790N_14 Datasheet
376Kb / 8P
Embedded AVR Microcontroller Including Complete LF
ATA5791 ATMEL-ATA5791_14 Datasheet
360Kb / 8P
Embedded AVR Microcontroller Including RF Transmitter
ATA5795C ATMEL-ATA5795C_14 Datasheet
388Kb / 8P
Embedded AVR Microcontroller Including RF Transmitter
logo
STMicroelectronics
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
In general the ADC embedded in the ST7 microcontroller
13-Sep-2005
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
In general the ADC embedded in the ST7 microcontroller
23-Aug-2007
STEVAL-CDE001V1 STMICROELECTRONICS-STEVAL-CDE001V1 Datasheet
265Kb / 7P
Embedded web server based on the ST72F321M9 microcontroller
January 2008 Rev 1
logo
Bridgetek Pte Ltd.
FT930Q BRIDGETEK-FT930Q Datasheet
939Kb / 65P
Embedded Microcontroller
Version 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com