Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900Q-R Datasheet(PDF) 5 Page - Bridgetek Pte Ltd.

Part # FT900Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900Q-R Datasheet(HTML) 5 Page - Bridgetek Pte Ltd.

  FT900Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
Copyright © Bridgetek Pte Ltd
5
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
Table of Contents
1
Typical Applications....................................................... 3
1.1 Part Numbers............................................................................. 3
1.2 USB2.0 Compliant ...................................................................... 3
2
FT900 Block Diagram .................................................... 4
3
Device Pin Out and Signal Description........................... 8
3.1 Pin Out – FT900 QFN-100 .......................................................... 8
3.2 Pin Out – FT900 LQFP-100 ....................................................... 12
3.3 Pin Description ........................................................................ 16
4
Function Description ................................................... 23
4.1 Architectural Overview ............................................................ 23
4.2 FT32 Core Processor ................................................................ 23
4.3 256kB Flash Memory................................................................ 23
4.4 Boot Sequence ......................................................................... 23
4.5 Interrupt.................................................................................. 24
4.6 Memory Mapping...................................................................... 25
4.7 USB2.0 Host Controller ............................................................ 26
4.7.1
Features .................................................................................................. 26
4.8 USB2.0 Device Controller ......................................................... 26
4.8.1
Features .................................................................................................. 27
4.9 Ethernet Controller .................................................................. 27
4.9.1
Features .................................................................................................. 27
4.10
CAN Bus Controller ................................................................ 27
4.10.1
Features .................................................................................................. 27
4.11
Real Time Clock ..................................................................... 28
4.11.1
Features .................................................................................................. 28
4.12
One-Wire Debugger Interface ............................................... 28
4.12.1
Features .................................................................................................. 28
4.13
SPI Interface......................................................................... 28
4.13.1
Features .................................................................................................. 28
4.14
I2C Interface ......................................................................... 29
4.14.1
Features .................................................................................................. 29
4.15
UART Interface...................................................................... 29
4.15.1
Features .................................................................................................. 29
4.16
Timers and Watchdog Timer.................................................. 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com