Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900Q-R Datasheet(PDF) 33 Page - Bridgetek Pte Ltd.

Part # FT900Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900Q-R Datasheet(HTML) 33 Page - Bridgetek Pte Ltd.

Back Button FT900Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
Copyright © Bridgetek Pte Ltd
33
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
4.24
System Clocks
4.24.1 12 MHz Oscillator
The oscillator generates a 12 MHz reference frequency output to the clock multiplier PLL. The oscillator
clock source comes from either an external 12 MHz crystal or a 12 MHz square wave clock. The external
crystal is connected across XI/CLKIN and XIO in the configuration shown in Section 6.1. The optional
external clock input is connected to XI/CLKIN only.
4.24.2 Phase Locked Loop
The internal PLL takes a 12 MHz clock input from a crystal oscillator. The PLL outputs the 100 MHz
system clock frequency to the CPU processor and other peripheral circuits. Each peripheral has an
individual enable control signal to gate the clock source.
4.24.3 32.768 KHz RTC Oscillator
The RTC oscillator provides a clock to the RTC time counter. Either an external 32.768 kHz crystal or a
32.768 kHz square wave clock can be used as the clock source. The external crystal is connected across
RTC_XI/RTC_CLKIN and RTC_XIO in the configuration shown in Section 6.2. The optional external clock
input is connected to RTC_XI/RTC_CLKIN only.
4.24.4 Internal Slow Clock Oscillator
The internal slow clock oscillator provides at least 5ms slow clock source to generate an interrupt for the
USB 2.0 device remote wake-up feature. A USB 2.0 device with remote wake-up capability may not
generate resume signalling unless the bus has been continuously in the idle state for 5ms. The detail
description for USB 2.0 suspend/resume, please refer to USB 2.0 specification chapters 7.1.7.6 and
7.1.7.7.
4.25
Power Management
4.25.1 Power Supply
The FT900/1/2/3 series may be operated with a single supply of +3.3V applied to VCCIO3V3, VUSB3V3,
VETH3V3 and VCC3V3A pins. The +1.2V internal regulator VOUT1 provides power to the core circuit after
VCCIO3V3 power on and the system will generate a Power on Reset (POR) pulse when the output voltage
rises above the POR threshold. VOUT1 also provides power to the internal PLL.
The second +1.2V internal regulator VOUT2 will provide the power to the Ethernet transceiver when
VETH3V3 gets the power supply.
4.25.2 Power Down Mode
Power down mode applies to the entire system. In the power down mode, the system 12-MHz oscillator
and PLL both switch off and the system clock to the core and all peripherals stop except for the RTC
oscillator and internal regulator. The internal regulator retains the power for the core and RTC running.
An interrupt from GPIO or wake-up events from the USB 2.0 device controller and host controller can
wake-up the system from the power down mode independently.
If the USB 2.0 host controller was used and the respective interrupt bit enabled before the system
entered into power down mode, then the following events can wake-up the system.
Remote wake-up interrupt to USB 2.0 host controller.
USB device connected interrupt to USB 2.0 host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com