Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900Q-R Datasheet(PDF) 25 Page - Bridgetek Pte Ltd.

Part # FT900Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900Q-R Datasheet(HTML) 25 Page - Bridgetek Pte Ltd.

Back Button FT900Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Copyright © Bridgetek Pte Ltd
25
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
Peripherals of Interrupt
Interrupt Vector Index
Default Priority
ADC
20
20
DAC
21
21
Slow Clock Timer
22
22
UNUSED
23-31
23-31
Table 4-1 - FT900/1/2/3 series default interrupt priority
4.6
Memory Mapping
A list of the I/O memory mapping for registers and memory in the FT900/1/2/3 series is given below in
table 4-2. Please refer to FT900 User Manual for detail description of registers.
Function
Address Memory Range
Comment
General setup registers
0x10000
0x100BF
DW/W/B
Interrupt controller registers
0x100C0
0x100FF
DW/W/B
USB2.0 host controller registers
0x10100
0x1017F
DW/W/B
USB2.0 host controller RAM
memory
0x11000
0x12FFF
DW/W/B
USB2.0 device controller
registers
0x10180
0x1021F
DW/W/B
USB2.0 device registers for
high-bandwidth isochronous
0x10A1C
0x10A33
DW/W/B
Ethernet controller registers
0x10220
0x1023F
DW/W/B (Uses DW to access
FIFO)
CAN BUS 0 registers
0x10240
0x1025F
B
CAN BUS 1 registers
0x10260
0x1027F
B
RTC registers
0x10900
0x1093F
DW
SPI master registers
0x102A0
0x102BF
DW
SPI Master (extended)
0x10940
0x1095F
DW
SPI slave 0 registers
0x102C0
0x102DF
DW
SPI slave 0 (extended)
0x10960
0x1097F
DW
SPI slave 1 registers
0x102E0
0x102FF
DW
SPI slave 1 (extended)
0x10980
0x1099F
DW
I2C master registers
0x10300
0x1030F
B
I2C slave registers
0x10310
0x1031F
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com