Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900Q-R Datasheet(PDF) 18 Page - Bridgetek Pte Ltd.

Part # FT900Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900Q-R Datasheet(HTML) 18 Page - Bridgetek Pte Ltd.

Back Button FT900Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Copyright © Bridgetek Pte Ltd
18
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No.: BRT_000172 Clearance No.: BRT#087
Pin
No.
Name
Type
Description
34
RESETN
I
Chip reset input for normal operation. Active low.
Connect external 10kΩ pull-up to VCC3V3 for safe operation.
35
STESTRESETN
I
Chip reset input for test mode.
Connect this pin to Ground via a 10kΩ resistor for normal operation.
36
DEBUG
I/O
One-wire debugger interface input/output. By default, this pin is pull-up
with 75KΩ.
37
UART0_TXD/GPIO48
I/O
GPIO48 input/output. (By default is GPIO input, internal pull-low)
Transmitter output for UART0.
38
UART0_RXD/GPIO49
I/O
GPIO49 input/output. (By default is GPIO input, internal pull-low)
Receiver input for UART0.
39
UART0_RTS/GPIO50
I/O
GPIO50 input/output. (By default is GPIO input, internal pull-low)
Request to send output for UART0.
40
UART0_CTS/GPIO51
I/O
GPIO51 input/output. (By default is GPIO input, internal pull-low)
Clear to send input for UART0.
41
UART0_DTR/UART1_TXD/
PWM4/GPIO52
I/O
GPIO52 input/output. (By default is GPIO input, internal pull-low)
PWM channel 4, output.
Transmitter output for UART1.
Data terminal ready output for UART0.
42
UART0_DSR/UART1_RXD/
PWM5/GPIO53
I/O
GPIO53 input/output. (By default is GPIO input, internal pull-low)
PWM channel 5, output.
Receiver input for UART1.
Data set ready input for UART0.
43
UART0_DCD/UART1_RTS/
PWM6/GPIO54
I/O
GPIO54 input/output. (By default is GPIO input, internal pull-low)
PWM channel 6, output.
Request to send output for UART1.
Data carrier detection input for UART0.
44
UART0_RI/UART1_CTS/
PWM7/GPIO55
I/O
GPIO55 input/output. (By default is GPIO input, internal pull-low)
PWM channel 7, output.
Clear to send input for UART1.
Ring indicator input for UART0.
45
GND
P
Ground
46
VCCIO3V3
P
+3.3V supply voltage.
This is the supply voltage for all the I/O ports. Connect 10uF and 0.1uF
decoupling capacitors to GND. This pin must be connected to pin 33
and pin 64.
47
PWM0/GPIO56
I/O
GPIO56 input/output. (By default is GPIO input, internal pull-low)
PWM channel 0, output.
A stereo 16/8-bit PCM audio data channel output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com