Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900Q-R Datasheet(PDF) 66 Page - Bridgetek Pte Ltd.

Part # FT900Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900Q-R Datasheet(HTML) 66 Page - Bridgetek Pte Ltd.

Back Button FT900Q-R Datasheet HTML 59Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 60Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 61Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 62Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 63Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 64Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 65Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 66Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 67Page - Bridgetek Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
Copyright © Bridgetek Pte Ltd
66
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
List of Tables
Table 1-1 - FT900/1/2/3 Series Part Numbers ..................................................................................3
Table 3-1 - FT900 pin description ................................................................................................. 22
Table 4-1 - FT900/1/2/3 series default interrupt priority .................................................................. 25
Table 4-2 - FT900/1/2/3 series I/O memory mapping ..................................................................... 26
Table 5-1 - Absolute Maximum Ratings.......................................................................................... 35
Table 5-2 - Operating Voltage and Current..................................................................................... 36
Table 5-3 - Digital I/O Pin Characteristics (VCCIO3V3 = +3.3V, Standard Drive Level) ........................ 37
Table 5-4 - USB I/O Pin (D_DP/D_DM, H_DP/H_DM) Characteristics ................................................. 38
Table 5-5 - Ethernet I/O pin (TXON/TXOP, RXIN/RXIP) characteristics............................................... 39
Table 5-6 - DAC I/O pin (DAC_REFP, DAC0/1) characteristics........................................................... 39
Table 5-7 - ADC I/O Pin Characteristics ......................................................................................... 40
Table 5-8 - System clock characteristics ........................................................................................ 41
Table 5-9 - RTC clock characteristics ............................................................................................. 41
Table 5-10 - Analog I/O pins (D_DP/D_DM, H_DP/H_DM) characteristics........................................... 42
Table 5-11 - Analog I/O pins (TXON/TXOP, RXIN/RXIP) characteristics.............................................. 43
Table 5-12 - I2C I/O pins (I2C0_SCL/SDA, I2C1_SCL/SDA) characteristics ........................................ 44
Table 5-13 - SPI I/O pins (SPIM_CLK/MOSI/MISO/SS0/SS1/SS2/SS3) characteristics ......................... 46
Table 5-14 - SPI I/O pins (SPIS0_CLK/MOSI/MISO/SS, SPIS1_CLK/MOSI/MISO/SS) characteristics...... 47
Table 5-15 - I2S Master I/O pins (I2S_LRCLK/BCLK/SDAI/SDAO) characteristics ................................ 48
Table 5-16 - I2S Slave I/O pins (I2S_LRCLK/BCLK/SDAI/SDAO) characteristics .................................. 49
Table 5-17 - SD Host I/O pins (SD_CLK, SD_CMD, SD_DATA3/DATA2/DATA1/DATA0, SD_CD, SD_WP)
characteristics for 25 MHz............................................................................................................ 50
Table 5-18 - SD Host I/O pins (SD_CLK, SD_CMD, SD_DATA3/DATA2/DATA1/DATA0, SD_CD, SD_WP)
characteristics for 50 MHz............................................................................................................ 50
Table 7-1 - Reflow Profile Parameter Values ................................................................................... 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com