Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900Q-R Datasheet(PDF) 32 Page - Bridgetek Pte Ltd.

Part # FT900Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT900Q-R Datasheet(HTML) 32 Page - Bridgetek Pte Ltd.

Back Button FT900Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT900Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Copyright © Bridgetek Pte Ltd
32
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
4.21
Analog to Digital Converter (ADC)
The FT900/1/2/3 series has a low-power, high-speed, successive approximation Analog-to-Digital
Converter (ADC) that supports a configurable 8-bit/10-bit resolution and superior maximum sampling
frequencies of up to approximately 960 Kilo Samples Per-second (kS/s). This ADC accepts analog inputs
ranging from the ground supplies to the power supplies. This ADC can be used in various low-power and
medium-resolution applications.
4.21.1
Features
Configurable 8-bit/10-bit successive approximation ADC.
Supports 7 channel input.
Individual channels can be selected for conversion.
Power-down mode support.
Max conversion rate up to approximately 960 kS/s.
Measurement range 0 to VCC3V3A, by default the range voltage is 10% off of VCC3V3A. See
Table 5-7.
INL: +/-2LSB (max)..
DNL: +/-1LSB (max).
4.22
Digital to Analog Converter (DAC)
The FT900/1/2/3 series has two 10-bit, 1 Mega Samples Per-second (MS/S) Digital-Analog converter
(DAC). It includes digital logic for registering the DAC value and a unity-gain buffer capable of driving off-
chip. The module can also be switched to a power-down state where it consumes a minimum amount of
current. The maximum output value of the DAC is decided by the reference voltage at pin DAC_REFP.
4.22.1
Features
Two 10-bit DACs (0/1).
10-bit R-2R DAC ladder structure.
Buffered output.
Power-down mode support.
Programmable conversion rate, the maximum rate is 1MHz.
Selectable output drive.
INL: +/-2LSB (max).
DNL: +/-1LSB (max).
4.23
General Purpose Input/Output
The FT900/1/2/3 series provides up to 65 configurable Input/Output pins controlled by GPIO registers. All
pins have multiple functions with special peripheral connection. Separate registers allow setting or
clearing any number of outputs simultaneously. All GPIO pins default to inputs with pull-down resistors
enabled on reset except GPIO0/1/2 inputs that have pull-up resistors enabled.
All GPIOs can function as an interrupt. The polarity can be either positive edge or negative edge if its
interrupt capability is enabled. In this case, the GPIO pin must be configured as a GPIO input.
4.23.1
Features
All GPIO default to inputs after reset (except GPIO0/1/2).
Multi-function selection on GPIO pins.
Pull-up/Pull-down resistor configuration and open-drain configuration can be programmed
through the pin connect block for each GPIO pin.
Direction control of individual bits.
Supports GPIO input Schmitt trigger to help remove noise.
Supports GPIO interrupt, where each enabled GPIO interrupt can be used to wake-up the system
from power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com