Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT931Q-R Datasheet (PDF) - Bridgetek Pte Ltd.

FT931Q-R Datasheet PDF - Bridgetek Pte Ltd.
Part # FT931Q-R
Download  FT931Q-R Download
File Size   939.25 Kbytes
Page   65 Pages
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.
Description Embedded Microcontroller

FT931Q-R Datasheet (PDF)

Go To PDF Page Download Datasheet
FT931Q-R Datasheet PDF - Bridgetek Pte Ltd.

Part # FT931Q-R
Download  FT931Q-R Click to download

File Size   939.25 Kbytes
Page   65 Pages
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.
Description Embedded Microcontroller

FT931Q-R Datasheet (HTML) - Bridgetek Pte Ltd.


FT931Q-R Product details

 High performance, low power mixed 16-bit/32-bit
FT32B core processor, running at a frequency of
100MHz.
 128kB on-chip Flash memory.
 128kB on-chip shadow program memory.
 True Zero Wait States (0WS) up to 3.1 DMIPS per
MHz performance.
 32kB on-chip data memory.
 Integrated Phase-Locked Loop (PLL) supports
single external 12MHz crystal and direct external
clock source input.
 Real Time Clock (RTC) with automatic calibration
to compensate for inaccuracies in low-cost 32.768
kHz crystal or other input source.
 D2XX hardware engine (USB 2.0 Device) with up
to 7 interfaces
 One USB 2.0 Device controller supports high-speed
(480 Mbit/s) and full-speed (12 Mbit/s).
 USB2.0 Device controller supports Isochronous,
Interrupt, Control, and Bulk transfers for up to 15
endpoints
 Supports One-Wire for firmware download and
software debugging.
 One SPI Master supports single/dual/quad modes
of data transfer. Clock rate is up to 25 MHz
 One SPI Slave supports single data transfer up to
25MHz.
 SD Host Controller conformant to SDA SD Host
Controller specification V3.0, running up to 25
MHz and software support for SD/SDHC/SDXC
cards
 I2C bus interfaces may be configured as master or
slave, supporting standard/fast /fast plus/high
speed mode data transfers. Max data transfer rate
up to 3.4 Mbit/s. Clock stretching is supported.

 Four UARTs configurable as two full UART
interfaces or 4 half UART interfaces
 Four 16-bit timers with prescaler and one 32-bit
watchdog timer.
 Supports eight independent PWM channels. PWM
Channel 0 and 1 may be configured as stereo
audio output channels, supporting PCM 8-bit/16-
bit stereo data.
 Supports two independent 10-bit DACs. DAC 0/1
channel output. Sample rate of ~1MS/s.
 Supports three 8-bit ADC1/2/3 channel input.
Sample rate of ~480KS/s.
 Single 3.3 volt power supply, built-in 1.2 V
regulator.
 3.3 volt I/O power supply, all GPIO pins are 5V
tolerant.
 Supports USB Battery Charging Specification Rev
1.2.
 Power-On Reset (POR).
 -40°C to 85°C extended operating temperature
range.
 Available in compact Pb-free, RoHS compliant 68
to 48-pin packages.




Similar Part No. - FT931Q-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT936 ETC1-FT936 Datasheet
99Kb / 2P
Switch Detection Chip
More results


Similar Description - FT931Q-R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH77790B SHARP-LH77790B Datasheet
202Kb / 32P
Embedded Microcontroller Thermal & Electrical Specification
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
SAMD20J ATMEL-SAMD20J Datasheet
3Mb / 586P
ARM-Based Embedded Flash Microcontroller
ATA5790N ATMEL-ATA5790N_14 Datasheet
376Kb / 8P
Embedded AVR Microcontroller Including Complete LF
ATA5791 ATMEL-ATA5791_14 Datasheet
360Kb / 8P
Embedded AVR Microcontroller Including RF Transmitter
ATA5795C ATMEL-ATA5795C_14 Datasheet
388Kb / 8P
Embedded AVR Microcontroller Including RF Transmitter
logo
STMicroelectronics
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
In general the ADC embedded in the ST7 microcontroller
13-Sep-2005
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
In general the ADC embedded in the ST7 microcontroller
23-Aug-2007
STEVAL-CDE001V1 STMICROELECTRONICS-STEVAL-CDE001V1 Datasheet
265Kb / 7P
Embedded web server based on the ST72F321M9 microcontroller
January 2008 Rev 1
logo
Bridgetek Pte Ltd.
FT900 BRIDGETEK-FT900 Datasheet
3Mb / 67P
Embedded Microcontroller
Version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com