Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT931Q-R Datasheet(PDF) 6 Page - Bridgetek Pte Ltd.

Part # FT931Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT931Q-R Datasheet(HTML) 6 Page - Bridgetek Pte Ltd.

Back Button FT931Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Copyright © Bridgetek Pte Ltd
6
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
4.13.1
Features .................................................................................................. 36
4.14
Timers and Watchdog Timer.................................................. 36
4.14.1
Features .................................................................................................. 37
4.15
PWM ...................................................................................... 37
4.15.1
Features .................................................................................................. 37
4.16
SD Host Controller................................................................. 38
4.16.1
Features .................................................................................................. 38
4.17
Analog to Digital Converter (ADC)......................................... 38
4.17.1
Features .................................................................................................. 38
4.18
Digital to Analog Converter (DAC)......................................... 38
4.18.1
Features .................................................................................................. 38
4.19
General Purpose Input Output............................................... 39
4.19.1
Features .................................................................................................. 39
4.20
System Clocks ....................................................................... 39
4.20.1
12MHz Oscillator ....................................................................................... 39
4.20.2
Phase Locked Loop .................................................................................... 39
4.20.3
32.768 kHz RTC Oscillator .......................................................................... 39
4.20.4
Internal Slow Clock Oscillator ..................................................................... 39
4.21
Power Management............................................................... 40
4.21.1
Power Supply ........................................................................................... 40
4.21.2
Power down Mode ..................................................................................... 40
5
Device Characteristics and Ratings.............................. 41
5.1 Absolute Maximum Ratings...................................................... 41
5.2 DC Characteristics.................................................................... 42
5.3 AC Characteristics.................................................................... 44
5.4 8-bit ADC Converter ................................................................. 50
5.5 10-bit DAC Converter ............................................................... 50
6
Application Information .............................................. 51
6.1 Crystal Oscillator ..................................................................... 51
6.1.1
Crystal oscillator application circuit.............................................................. 51
6.1.2
External clock input ................................................................................... 51
6.2 RTC Oscillator .......................................................................... 52
6.3 Standard I/O Pin Configuration ............................................... 52
6.4 USB2.0 Device Interface .......................................................... 53
6.5 USB Connection when Unused (FT93x) .................................... 54
7
Package Parameters.................................................... 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com