Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT931Q-R Datasheet(PDF) 43 Page - Bridgetek Pte Ltd.

Part # FT931Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT931Q-R Datasheet(HTML) 43 Page - Bridgetek Pte Ltd.

Back Button FT931Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Copyright © Bridgetek Pte Ltd
43
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Vtl
Schmitt-trigger
negative threshold
Voltage
0.8
1.1
-
V
LVTTL
Rpu
Input pull-up
resistance
equivalent
40
75
190
KΩ
Vin = 0V
Rpd
Input pull-down
resistance
equivalent
40
75
190
KΩ
Vin = VCCIO3V3
Iin
Input leakage
current
-10
±1
+10
uA
Vin = VCCIO3V3
or 0
Cin*
Input Capacitance
-
2.8
-
pF
VCCIO3V3 with
5V tolerance I/O
Table 5-3 Digital I/O Pin Characteristics (VCCIO3V3 = +3.3V, Standard Drive Level)
Note*: This parameter indicates that the pull-up resistor for the 5V tolerance I/O cells cannot reach
VCCIO3V3 DC level even without DC loading current.
Cin includes the cell layout capacitance and pad capacitance.
DC characteristics of USB I/O cells
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
General characteristics
VUSB3V3
USB power supply
voltage
2.97
3.3
3.63
V
Normal operation
Input level for high speed
Vhscm
Voltage of high speed
data signal in the
common mode
-50
-
500
mV
-
Vhssq
High speed squelch
detection threshold
-
-
100
mV
Squelch is
detected
150
-
-
mV
Squelch is not
detected
Vhsdsc
High speed
disconnection
detection threshold
625
-
-
mV
Disconnection is
detected
-
-
525
mV
Disconnection is
not detected
Output level for high speed
Vhsoi
High speed idle output
voltage (Differential)
-10
-
10
mV
-
Vhsol
High speed low level
output voltage
(Differential)
-10
-
10
mV
-
Vhsoh
High speed high level
output voltage
(Differential)
-360
-
400
mV
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com