Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT931Q-R Datasheet(PDF) 31 Page - Bridgetek Pte Ltd.

Part # FT931Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT931Q-R Datasheet(HTML) 31 Page - Bridgetek Pte Ltd.

Back Button FT931Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
Copyright © Bridgetek Pte Ltd
31
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
4
Function Description
4.1
Architectural Overview
The FT93x series embedded microcontroller includes a high performance 32-bit FT32B RISC core
processor and a D2XX hardware engine.
There is a 128KB high speed Flash memory for software program download with One-Wire debugger
interface. The core processor uses a 32-bit I/O system bus to connect to all of the peripherals.
32-bit MCU Processor Core
D2XX hardware engine
128kB Flash Memory
128kB Program Memory
32kB Data RAM
USB2.0 Device Controller
- Control Endpoint 0 (8B to 64B)
- Data Endpoints 1 ~ 15 (8,128B)
BCD (Battery Charging Detection)
Real Time Clock
One-Wire debugger interface
One SPI Master interface
One SPI Slave interface or SD Host Controller
One I2C Master or one I2C Slave interface (3.4Mbps)
Four programmable 8Mbit/s UARTs
Four 16-bit timers and one 32-bit watchdog timer
8-Channel PWM with optional 2-Channel Audio PCM
10-bit two channel 1MS/s DAC
8-bit three channel 460KS/s ADC
General purpose I/O interface
The functions for each controller / interface are briefly described in the following subsections.
4.2
FT32B Core Processor
The FT32B core processor runs at frequencies of up to 100MHz. The processor contains the CPU itself
with control logic and its 128kB program memory and 32kB data memory. The outside connections for
the core processor are the memory-mapped I/O interface, the interrupt interface, asynchronous reset,
and the system clock.
4.3
D2XX Hardware Engine
The built-in D2XX hardware engine reduces the FT93x processor load of handling the USB protocol and
software complexity. When the D2XX hardware engine is enabled and takes over the control of the USB
Device interface, the FT93x enumerates as a multiple interface, bi-directional D2XX USB Device which is
supported on most common platforms with a D2XX driver. The data transfer from the main processor to
the USB is through the FT93x D2XX FIFO interface. It supports up to 7 FIFO channels, each
corresponding to a D2XX interface.
Each channel has dedicated read and write pipes. There are a total of 14 pipes and 8,192B(8kB) of
memory is reserved for the read and the write pipes. The maximum transfer size on a channel may be
flexibly allocated as 2 to 4094 bytes across the D2XX FIFO interfaces 1 to 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com