Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT931Q-R Datasheet(PDF) 50 Page - Bridgetek Pte Ltd.

Part # FT931Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT931Q-R Datasheet(HTML) 50 Page - Bridgetek Pte Ltd.

Back Button FT931Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT931Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
Copyright © Bridgetek Pte Ltd
50
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
5.4
8-bit ADC Converter
Electrical characteristics of ADC I/O cells
Electrical Characteristics (Ambient Temperature = -40°C to +85°C). The typical values are obtained at room
temperature (Tj = 25°C), VCC3V3 = 3.3V, and VCC1V2 = 1.2V.
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC3V3A
Analog power supply
voltage
2.97
3.3
3.63
V
Normal operation
XAIN
Analog input range
0
-
VCC3V3A
V
-
RES
Resolution
-
8
-
Bit
-
INL
Integral nonlinearity
error
-1
-
1
LSB
Rail-to-Rail
VCC3V3A
reference
DNL
Differential
nonlinearity error
-1
-
1
LSB
Rail-to-Rail
VCC3V3A
reference
Xsampleclk
Sample rate
-
-
480
kSPS
-
Table 5-11 ADC Characteristics
5.5
10-bit DAC Converter
Electrical characteristics of DAC I/O cells
Electrical Characteristics (Ambient Temperature = -40°C to +85°C). The typical values are obtained at
room temperature (Tj = 25°C), VCC3V3 = 3.3V, and VCC1V2 = 1.2V.
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC3V3A
DAC power supply
voltage
2.97
3.3
3.63
V
Normal Operation
VREFP
Reference voltage
0
-
VCC3V3A
V
DAC_VREFP
positive reference
RES
Resolution
-
10
-
Bits
-
INL
Integral nonlinearity
error
-1.5
-
1.5
LSB
VREFP = 3.2V
code 8 ~ 1023
DNL
Differential
nonlinearity error
-1
-
1
LSB
VREFP = 3.2V
code 0 ~ 1023
-
Conversion latency
-
-
1
Clock
cycle
-
CLOAD
Output load: rated
capacitance
-
-
10
pF
-
RLOAD
Output load: rated
resistance
6.7
-
-
KΩ
-
Table 5-12 DAC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com