Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA489206 Datasheet (PDF) - Renesas Technology Corp

RAA489206 Datasheet PDF - Renesas Technology Corp
Part # RAA489206
Download  RAA489206 Download
File Size   1840.44 Kbytes
Page   136 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Cell Battery Front End

RAA489206 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA489206 Datasheet PDF - Renesas Technology Corp

Part # RAA489206
Download  RAA489206 Click to download

File Size   1840.44 Kbytes
Page   136 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Cell Battery Front End

RAA489206 Datasheet (HTML) - Renesas Technology Corp


RAA489206 Product details

Features
▪ High hot plug rating: 62V
▪ VCELL accuracy: ±10mV
▪ IPACK accuracy: ±0.2%
▪ 16-bit VCELL and IPACK measurements
▪ Charge/Load wakeup detection circuitry
▪ 4-pin GPIO port
▪ Integrated 3.3V regulator
▪ Supports I2C, SPI, and SPIw/CRC communications
Applications
▪ Light electric vehicles such as e-bikes, e-scooters,
and e-motorcycles
▪ Cordless power and gardening tools
▪ Home appliances
▪ 24V, 36V, 42V, and 48V portable battery packs
▪ Telecom and server farms
▪ Solar farms
▪ Energy storage systems




Similar Part No. - RAA489206

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA489206 RENESAS-RAA489206 Datasheet
1Mb / 136P
16-Cell Battery Front End
Mar 21, 2025
RAA4892062GNP#AA5 RENESAS-RAA4892062GNP#AA5 Datasheet
1Mb / 136P
16-Cell Battery Front End
Mar 21, 2025
RAA4892062GNP#HA5 RENESAS-RAA4892062GNP#HA5 Datasheet
1Mb / 136P
16-Cell Battery Front End
Mar 21, 2025
RAA4892062GNP#MA5 RENESAS-RAA4892062GNP#MA5 Datasheet
1Mb / 136P
16-Cell Battery Front End
Mar 21, 2025
RAA489206 RENESAS-RAA489206_V01 Datasheet
1Mb / 136P
16-Cell Battery Front End
Mar 21, 2025
More results


Similar Description - RAA489206

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
February 16, 2007
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
July 3, 2008
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
Multi-Cell Li-ion Battery Pack Analog Front-End
July 3, 2008
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94216A RENESAS-ISL94216A Datasheet
2Mb / 147P
16-Cell Battery Front End
Feb 3, 2022
RAA489220 RENESAS-RAA489220 Datasheet
1Mb / 60P
4 to 10 Cell Battery Front End and Protector
Jul 27, 2022
ISL9208 RENESAS-ISL9208 Datasheet
1Mb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com